Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 263 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 263 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 259Page - ATMEL Corporation AT90USB162 Datasheet HTML 260Page - ATMEL Corporation AT90USB162 Datasheet HTML 261Page - ATMEL Corporation AT90USB162 Datasheet HTML 262Page - ATMEL Corporation AT90USB162 Datasheet HTML 263Page - ATMEL Corporation AT90USB162 Datasheet HTML 264Page - ATMEL Corporation AT90USB162 Datasheet HTML 265Page - ATMEL Corporation AT90USB162 Datasheet HTML 266Page - ATMEL Corporation AT90USB162 Datasheet HTML 267Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 306 page
background image
263
7707E–AVR–11/08
AT90USB82/162
Note:
1. "Max" means the highest value where the pin is guaranteed to be read as low
2. "Min" means the lowest value where the pin is guaranteed to be read as high
3. Although each I/O port can sink more than the test conditions (20mA at VCC = 5V, 10mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
1.)The sum of all IOL, for ports B0-B7, C0-C7, D0-D7 should not exceed 150 mA.
VOL1
Output Low Voltage, PS2
pins
IOL = 5mA,
VCC = 4.5 - 5.5V
0.7
V
VOH
Output High Voltage(4),
Standard IOs(8)
,
MOSI/MISO pins
IOH = -20mA, VCC = 5V
IOH = -10mA, VCC = 3V
4.2
2.3
V
IIL
Input Leakage
Current I/O Pin
VCC = 5.5V, pin low
(absolute value)
1µA
IIH
Input Leakage
Current I/O Pin
VCC = 5.5V, pin high
(absolute value)
1µA
RRST
Reset Pull-up Resistor
30
60
kΩ
RPU
I/O Pin Pull-up Resistor
20
50
kΩ
RPUDP
USD D+ Internal Pull-Up
900
1500
Ω
RPUPS2
PS2 Pull-up Resistor
VCC = 5V
3.2
4.7
6.5
kΩ
ICC
Power Supply Current(6)
Active 8MHz, VCC = 3V
7
8.5
mA
Active 16MHz, VCC = 5V
13.5
25
mA
Idle 8MHz, VCC = 3V
3.5
mA
Idle 16MHz, VCC = 5V
4
4.5
mA
Power-down mode
WDT disabled, Regulator
Disabled,VCC = 3V
510
µA
WDT enabled, Regulator
Disabled,VCC = 3V
10
15
µA
WDT, BOD, Regulator
Enabled, Vcc = 5V
41
65
µA
Standby mode
WDT, BOD Enabled,
Regulator Disabled, Vcc
= 3V
70
100
µA
WDT, BOD, Regulator
Enabled, Vcc = 5V
120
150
µA
VACIO
Analog Comparator
Input Offset Voltage
VCC = 5V
Vin = VCC/2
<10
40
mV
IACLK
Analog Comparator
Input Leakage Current
VCC = 5V
Vin = VCC/2
-50
50
nA
tACID
Analog Comparator
Propagation Delay
VCC = 2.7V
VCC = 4.0V
750
500
ns
Rusb
USB Series resistor
(external)
22±5%
Ω
Vreg
Regulator Output Voltage
Vcc 4.0V, I≤100mA,
CUCAP=1µF±20%
3.0
3.3
3.6
V
TA = -40⋅C to 85⋅C, VCC = 2.7V to 5.5V (unless otherwise noted) (Continued)
Symbol
Parameter
Condition
Min.(5)
Typ.
Max.(5)
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com