Electronic Components Datasheet Search
  English  ▼

X  

FS6370 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FS6370 Datasheet HTML 2Page - ON Semiconductor FS6370 Datasheet HTML 3Page - ON Semiconductor FS6370 Datasheet HTML 4Page - ON Semiconductor FS6370 Datasheet HTML 5Page - ON Semiconductor FS6370 Datasheet HTML 6Page - ON Semiconductor FS6370 Datasheet HTML 7Page - ON Semiconductor FS6370 Datasheet HTML 8Page - ON Semiconductor FS6370 Datasheet HTML 9Page - ON Semiconductor FS6370 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
FS6370
For best results, make sure the reference clock signal is as jitter-free as possible, can drive a 40 pF load with fast rise and fall times,
and can swing rail-to-rail.
If the reference clock is not a rail-to-rail signal, the reference must be AC coupled to XOUT through a 0.01 µF or 0.1 µF capacitor. A
minimum 1 V peak-to-peak signal is required to drive the internal differential oscillator buffer.
5.0 Run Mode
If the MODE pin is set to a logic-high, the device enters the run mode. The high state is latched (see MODE pin). The FS6370 then
copies the stored EEPROM data into its control registers and begins normal operation based on that data when the self-load is
complete.
The self-load process takes about 89,000 clocks of the crystal oscillator. During the self-load time, all clock outputs are held low. At a
reference frequency of 27 MHz, the self-load takes about 3.3ms to complete.
If the EEPROM is empty (all zeros), the crystal reference frequency provides the clock for all four outputs.
No external programming access to the FS6370 is possible in run mode. The dual-function PD/SCL and OE/SDA pins become a
power-down (PD) and output enable (OE) control, respectively.
5.1 Power-Down and Output Enable
A logic-high on the PD/SCL pin powers down only those portions of the FS6370 which have their respective power-down control bits
enabled. Note that the PD/SCL pin has an internal pull-up.
When a post divider is powered down, the associated output driver is forced low. When all PLLs and post dividers are powered down
the crystal oscillator is also powered down. The XIN pin is forced low, and the XOUT pin is pulled high.
A logic-low on the OE/SDA pin tristates all output clocks. Note that this pin has an internal pull-up.
6.0 Program Mode
If the MODE pin is logic-low, the device enters the program mode. All internal registers are cleared to zero, delivering the crystal
frequency to all outputs. The device allows programming of either the internal 128-bit EEPROM or the on-chip control registers via I2C
control over the PD/SCL and OE/SDA pins. The EEPROM and the FS6370 act as two separate parallel devices on the same on-chip
I2C-bus. Choosing either the EEPROM or the device control registers is done via the I2C device address.
The dual-function PD/SCL and OE/SDA pins become the serial data I/O (SDA) and serial clock input (SCL) for normal I2C
communications. Note that power-down and output enable control via the PD/SCL and OE/SDA pins is not available.
6.1 EEPROM Programming
Data must be loaded into the EEPROM in a most-significant-bit (MSB) to least-significant-bit (LSB) order. The register map of the
EEPROM is noted in Table 3.
The device address of the EEPROM is:
A6
A5
A4
A3
A2
A1
A0
1
0
1
0
X
X
X
6.1.1. Write Operation
The EEPROM can only be written to with the random register write procedure (see Section 8.2.2). The procedure consists of the device
address, the register address, a R/W bit, and one byte of data.
Following the STOP condition, the EEPROM initiates its internally timed 4ms write cycle, and commits the data byte to memory. No
acknowledge signals are generated during the EEPROM internal write cycle.
Rev. 3 | Page 6 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com