Electronic Components Datasheet Search
  English  ▼

X  

FS6370 Datasheet(PDF) 19 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button FS6370 Datasheet HTML 15Page - ON Semiconductor FS6370 Datasheet HTML 16Page - ON Semiconductor FS6370 Datasheet HTML 17Page - ON Semiconductor FS6370 Datasheet HTML 18Page - ON Semiconductor FS6370 Datasheet HTML 19Page - ON Semiconductor FS6370 Datasheet HTML 20Page - ON Semiconductor FS6370 Datasheet HTML 21Page - ON Semiconductor FS6370 Datasheet HTML 22Page - ON Semiconductor FS6370 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
FS6370
Table 12: DC Electrical Specifications (Continued)
Crystal Oscillator Feedback (XIN)
VDD = 5.5 V
2.9
Threshold Bias Voltage
VTH
VDD = 3.6 V
1.7
V
VDD = 5.5 V
54
mA
High-Level Input Current
IIH
VDD = 5.5 V, oscillator powered down
5
15
mA
Low-Level Input Current
IIL
-25
-54
-75
µA
Crystal Loading Capacitance *
CL(xtal)
As seen by an external crystal connected
to XIN and XOUT
18
pF
Input Loading Capacitance *
CL(XIN)
As seen by an external clock driver on
XOUT; XIN unconnected
36
pF
Crystal Oscillator Output (XOUT)
High-Level Output Source Current
IOH
VDD = V(XIN) = 5.5 V, VO = 0 V
10
21
30
mA
Low-Level Output Sink Current
IOL
VDD = 5.5 V, V(XIN = VO = 5.5 V
-10
-21
-30
mA
Clock Outputs (CLK_A, CLK_B, CLK_C, CLK_D)
High-Level Output Source Current
IOH
VO = 2.4 V
-125
mA
Low-Level Output Sink Current
IOL
VO = 0.4 V
23
mA
zOH
VO = 0.5VDD; output driving high
29
Output Impedance
zOL
VO = 0.5VDD; output driving low
27
Ω
Tristate Output Current
IZ
-10
10
µA
Short Circuit Source Current *
ISCH
VDD = 5.5 V , VO = 0 V; shorted for 30s,
max
-150
mA
Short Circuit Sink Current *
ISCL
VDD = VO = 5.5 V; shorted for 30s, max.
123
mA
Low Drive Current (mA)
High Drive Current (mA)
Voltage
(V)
Min.
Typ.
Max.
Voltage
(V)
Min.
Typ.
Max.
0
0
0
0
0
-87
-112
-150
0.2
9
11
12
0.5
-85
-110
-147
0.5
22
25
29
1
-83
-108
-144
0.7
29
34
40
1.5
-80
-104
-139
1
39
46
55
2
-74
-97
-131
1.2
44
52
64
2.5
-65
-88
-121
1.5
51
61
76
2.7
-61
-84
-116
1.7
55
66
83
3
-53
-77
-108
2
60
73
92
3.2
-48
-71
-102
2.2
62
77
97
3.5
-39
-62
-92
2.5
65
81
104
3.7
-32
-55
-85
2.7
65
83
108
4
-21
-44
-74
3
66
85
112
4.2
-13
-36
-65
3.5
67
87
117
4.5
0
-24
-52
4
68
88
119
4.7
-15
-43
4.5
69
89
120
5
0
-28
5
91
121
5.2
-11
5.5
123
5.5
0
The data in this table represents nominal characterization data only.
Figure 10: CLK_A, CLK_B, CLK_C, CLK_D Clock Output
Rev. 3 | Page 19 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com