Electronic Components Datasheet Search
  English  ▼

X  

FS6370 Datasheet(PDF) 26 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 26 Page - ON Semiconductor

Back Button FS6370 Datasheet HTML 20Page - ON Semiconductor FS6370 Datasheet HTML 21Page - ON Semiconductor FS6370 Datasheet HTML 22Page - ON Semiconductor FS6370 Datasheet HTML 23Page - ON Semiconductor FS6370 Datasheet HTML 24Page - ON Semiconductor FS6370 Datasheet HTML 25Page - ON Semiconductor FS6370 Datasheet HTML 26Page - ON Semiconductor FS6370 Datasheet HTML 27Page - ON Semiconductor FS6370 Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
FS6370
13.3.1. Example Programming
Type a value for the crystal resonator frequency in MHz in the reference crystal box. This frequency provides the basis for all of the PLL
calculations that follow.
Next, click on the PLL A box. A pop-up screen similar to Figure 15 should appear. Type in a desired output clock frequency in MHz, set
the operating voltage (3.3 V or 5 V), and the desired maximum output frequency error. Pressing calculate solutions generates several
possible divider and VCO-speed combinations.
Figure 15: PLL Screen
For a 100 MHz output, the VCO should ideally operate at a higher frequency, and the reference and feedback dividers should be as
small as possible. In this example, highlight solution #7. Notice the VCO operates at 200MHz with a post divider of 2 to obtain an
optimal 50 percent duty cycle.
Now choose which mux and post divider to use (that is, choose an output pin for the 100 MHz output). Selecting A places the PostDiv
value in solution #7 into post divider A and switches mux A to take the output of PLL A.
The PLL screen should disappear, and now the value in the PLL A box is the new VCO frequency chosen in solution #7. Note that mux
A has been switched to PLL A and the post divider A has the chosen 100MHz output displayed.
Repeat the steps for PLL B.
PLL C supports two different output frequencies depending on the setting of the SEL_CD pin. Both mux C and mux D are also affected
by the logic level on the SEL_CD pin, as are the post dividers C and D (see Section 4.2 for more detail).
Rev. 3 | Page 26 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com