Electronic Components Datasheet Search
  English  ▼

X  

FS6370 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FS6370 Datasheet HTML 4Page - ON Semiconductor FS6370 Datasheet HTML 5Page - ON Semiconductor FS6370 Datasheet HTML 6Page - ON Semiconductor FS6370 Datasheet HTML 7Page - ON Semiconductor FS6370 Datasheet HTML 8Page - ON Semiconductor FS6370 Datasheet HTML 9Page - ON Semiconductor FS6370 Datasheet HTML 10Page - ON Semiconductor FS6370 Datasheet HTML 11Page - ON Semiconductor FS6370 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
FS6370
Figure 5: FS6370 to FS6377
7.2 Non-Programming Migration Path
If the design has solidified on a particular EEPROM programming pattern, the EEPROM pattern can be hard-coded into a ROM-based
device. For high-volume requirements, a ROM-based device offers significant cost savings over the FS6370. Contact an ON
Semiconductor sales representative for more detail.
8.0 I2C-bus Control Interface
This device is a read/write slave device meeting all Philips I2C-bus specifications except a "general call." The bus has to
be controlled by a master device that generates the serial clock SCL, controls bus access and generates the START and
STOP conditions while the device works as a slave. Both master and slave can operate as a transmitter or receiver, but
the master device determines which mode is activated. A device that sends data onto the bus is defined as the
transmitter, and a device receiving data as the receiver.
I2C-bus logic levels noted herein are based on a percentage of the power supply (VDD). A logic-one corresponds to a nominal voltage of
VDD, while a logic-low corresponds to ground (VSS).
8.1 Bus Conditions
Data transfer on the bus can only be initiated when the bus is not busy. During the data transfer, the data line (SDA) must remain stable
whenever the clock line (SCL) is high. Changes in the data line while the clock line is high will be interpreted by the device as a START
or STOP condition. The following bus conditions are defined by the I2C-bus protocol.
8.1.1. Not Busy
Both the data (SDA) and clock (SCL) lines remain high to indicate the bus is not busy.
8.1.2. START Data Transfer
A high to low transition of the SDA line while the SCL input is high indicates a START condition. All commands to the device must be
preceded by a START condition.
Rev. 3 | Page 8 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com