Electronic Components Datasheet Search
  English  ▼

X  

FS6370 Datasheet(PDF) 15 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FS6370 Datasheet HTML 11Page - ON Semiconductor FS6370 Datasheet HTML 12Page - ON Semiconductor FS6370 Datasheet HTML 13Page - ON Semiconductor FS6370 Datasheet HTML 14Page - ON Semiconductor FS6370 Datasheet HTML 15Page - ON Semiconductor FS6370 Datasheet HTML 16Page - ON Semiconductor FS6370 Datasheet HTML 17Page - ON Semiconductor FS6370 Datasheet HTML 18Page - ON Semiconductor FS6370 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
FS6370
Table 8: PLL Tuning Bits
Name
Description
Loop Filter Time Constant A
Bit = 0
Short time constant: 7
µs
LFTC_A
(Bit 20)
Bit = 1
Long time constant: 20 µs
Loop Filter Time Constant B
Bit = 0
Short time constant: 7
µs
LFTC_B
(Bit 44)
Bit = 1
Long time constant: 20 µs
Loop Filter Time Constant C1 - Selected when the SEL_CD pin = 0
Bit = 0
Short time constant: 7
µs
LFTC_C1
(Bit 68)
Bit = 1
Long time constant: 20 µs
Loop Filter Time Constant C2 - Selected when the SEL_CD pin = 1
Bit = 0
Short time constant: 7
µs
LFTC_C2
(Bit 92)
Bit = 1
Long time constant: 20 µs
Charge Pump A
Bit = 0
Current = 2 µA
CP_A
(Bit 19)
Bit = 1
Current = 10 µA
Charge Pump B
Bit = 0
Current = 2 µA
CP_B
(Bit 43)
Bit = 1
Current = 10 µA
Charge Pump C1 - Selected when the SEL_CD pin = 0
Bit = 0
Current = 2 µA
CP_C1
(Bit 67)
Bit = 1
Current = 10 µA
Charge Pump C2 - Selected when the SEL_CD pin = 1
Bit = 0
Current = 2 µA
CP_C2
(Bit 91)
Bit = 1
Current = 10 µA
Rev. 3 | Page 15 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com