Electronic Components Datasheet Search
  English  ▼

X  

FS6370 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 1 Page - ON Semiconductor

  FS6370 Datasheet HTML 1Page - ON Semiconductor FS6370 Datasheet HTML 2Page - ON Semiconductor FS6370 Datasheet HTML 3Page - ON Semiconductor FS6370 Datasheet HTML 4Page - ON Semiconductor FS6370 Datasheet HTML 5Page - ON Semiconductor FS6370 Datasheet HTML 6Page - ON Semiconductor FS6370 Datasheet HTML 7Page - ON Semiconductor FS6370 Datasheet HTML 8Page - ON Semiconductor FS6370 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©2008 SCILLC. All rights reserved.
Publication Order Number:
May 2008 – Rev. 3
FS6370/D
FS6370
EEPROM Programmable 3-PLL Clock Generator IC
1.0 Features
• Just-in-time customization of clock frequencies via internal non-volatile 128-bit serial EEPROM
• I2C™-bus serial interface
• Three on-chip PLLs with programmable reference and feedback dividers
• Four independently programmable muxes and post dividers
• Programmable power-down of all PLLs and output clock drivers
• Tristate outputs for board testing
• One PLL and two mux/post-divider combinations can be modified via SEL_CD input
• 5 V to 3.3 V operation
• Accepts 5 MHz to 27 MHz crystal resonators
2.0 Description
The FS6370 is a CMOS clock generator IC designed to minimize cost and component count in a variety of electronic systems. Three
EEPROM-programmable phase-locked loops (PLLs) driving four programmable muxes and post dividers provide a high degree of
flexibility.
An internal EEPROM permits just-in-time factory programming of devices for end user requirements.
Figure 1: Pin Configuration


Similar Part No. - FS6370

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
EEPROM Programmable 3-PLL Clock Generator IC
More results

Similar Description - FS6370

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
EEPROM Programmable 3-PLL Clock Generator IC
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com