Electronic Components Datasheet Search
  English  ▼

X  

FS6370 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FS6370 Datasheet HTML 6Page - ON Semiconductor FS6370 Datasheet HTML 7Page - ON Semiconductor FS6370 Datasheet HTML 8Page - ON Semiconductor FS6370 Datasheet HTML 9Page - ON Semiconductor FS6370 Datasheet HTML 10Page - ON Semiconductor FS6370 Datasheet HTML 11Page - ON Semiconductor FS6370 Datasheet HTML 12Page - ON Semiconductor FS6370 Datasheet HTML 13Page - ON Semiconductor FS6370 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
FS6370
Following an acknowledge by the slave, the master generates a repeated START condition. The repeated START terminates the write
procedure, but not until after the slave's address pointer is set. The slave address is then resent, with the R/W bit set this time to a
logic-high, indicating to the slave that data will be read. The slave will acknowledge the device address, and then transmits the eight-bit
word. The master does not acknowledge the transfer but does generate a STOP condition.
8.2.4. Sequential Register Write Procedure
Sequential write operations allow the master to write to each register in order. The register pointer is automatically incremented after
each write. This procedure is more efficient than the random register write if several registers must be written.
To initiate a write procedure, the R/W bit that is transmitted after the seven-bit device address is a logic-low. This indicates to the
addressed slave device that a register address will follow after the slave device acknowledges its device address. The register address
is written into the slave's address pointer. Following an acknowledge by the slave, the master is allowed to write up to 16 bytes of data
into the addressed register before the register address pointer overflows back to the beginning address. An acknowledge by the device
between each byte of data must occur before the next data byte is sent.
Registers are updated every time the device sends an acknowledge to the host. The register update does not wait for the STOP
condition to occur. Registers are therefore updated at different times during a sequential register write.
8.2.5. Sequential Register Read Procedure
Sequential read operations allow the master to read from each register in order. The register pointer is automatically incremented by
one after each read. This procedure is more efficient than the random register read if several registers must be read.
To perform a read procedure, the R/W bit that is transmitted after the seven-bit address is a logic-low, as in the register write procedure.
This indicates to the addressed slave device that a register address will follow after the slave device acknowledges its device address.
The register address is then written into the slave's address pointer.
Following an acknowledge by the slave, the master generates a repeated START condition. The repeated START terminates the write
procedure, but not until after the slave's address pointer is set. The slave address is then resent, with the R/W bit set this time to a
logic-high, indicating to the slave that data will be read. The slave will acknowledge the device address, and then transmits all 16 bytes
of data starting with the initial addressed register. The register address pointer will overflow if the initial register address is larger than
zero. After the last byte of data, the master does not acknowledge the transfer but does generate a STOP condition.
Rev. 3 | Page 10 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com