Electronic Components Datasheet Search
  English  ▼

X  

FS6370 Datasheet(PDF) 24 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button FS6370 Datasheet HTML 20Page - ON Semiconductor FS6370 Datasheet HTML 21Page - ON Semiconductor FS6370 Datasheet HTML 22Page - ON Semiconductor FS6370 Datasheet HTML 23Page - ON Semiconductor FS6370 Datasheet HTML 24Page - ON Semiconductor FS6370 Datasheet HTML 25Page - ON Semiconductor FS6370 Datasheet HTML 26Page - ON Semiconductor FS6370 Datasheet HTML 27Page - ON Semiconductor FS6370 Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
FS6370
11.0 Package Information for Both ‘Green’ and ‘Non-Green’
Table 15: 16-pin SOIC (0.150") Package Dimensions
Dimension
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.061
0.068
1.55
1.73
A1
0.004
0.0098
0.102
0.249
A2
0.055
0.061
1.40
1.55
B
0.013
0.019
0.33
0.49
C
0.0075
0.0098
0.191
0.249
D
0.386
0.393
9.80
9.98
E
0.150
0.157
3.81
3.99
e
0.050 BSC
1.27 BSC
H
0.230
0.244
5.84
6.20
h
0.010
0.016
0.25
0.41
L
0.016
0.035
0.41
0.89
Θ
0
°
8
°
0
°
8°
Table 16: 16-pin SOIC (0.150") Package Characteristics
Parameter
Symbol
Conditions/Description
Typ.
Units
Thermal Impedance, Junction to Free-Air
16-pin 0.150” SOIC
Θ
JA
Air flow = 0 m/s
109
°C/W
Corner lead
4.0
Lead Inductance, Self
L11
Center lead
3.0
nH
Lead Inductance, Mutual
L12
Any lead to any adjacent lead
0.4
nH
Lead Capacitance, Bulk
C11
Any lead to VSS
0.5
pF
12.0 Ordering Information
Part Number
Package
Shipping Configuration
Temperature Range
FS6370-01G-XTD
16-pin (0.150”) SOIC
(green, ROHS or lead
free packaging)
Tube/Tray
0
°C to 70°C (Commercial)
FS6370-01G-XTP
16-pin (0.150”) SOIC
(green, ROHS or lead
free packaging)
Tape & Reel
0
°C to 70°C (Commercial)
Rev. 3 | Page 24 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com