Electronic Components Datasheet Search
  English  ▼

X  

FS6370 Datasheet(PDF) 17 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FS6370 Datasheet HTML 13Page - ON Semiconductor FS6370 Datasheet HTML 14Page - ON Semiconductor FS6370 Datasheet HTML 15Page - ON Semiconductor FS6370 Datasheet HTML 16Page - ON Semiconductor FS6370 Datasheet HTML 17Page - ON Semiconductor FS6370 Datasheet HTML 18Page - ON Semiconductor FS6370 Datasheet HTML 19Page - ON Semiconductor FS6370 Datasheet HTML 20Page - ON Semiconductor FS6370 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
FS6370
10.0 Electrical Specifications
Table 10: Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Supply Voltage, dc (VSS = ground)
VDD
VSS-0.5
7
V
Input Voltage, dc
VI
VSS-0.5
VDD+0.5
V
Output Voltage, dc
VO
VSS-0.5
VDD+0.5
V
Input Clamp Current, dc (VI < 0 or VI > VDD)
IIK
-50
50
mA
Output Clamp Current, dc (VI < 0 or VI > VDD)
IOK
-50
50
mA
Storage Temperature Range (non-condensing)
TS
-65
150
°C
Ambient Temperature Range, Under Bias
TA
-55
125
°C
Junction Temperature
TJ
150
°C
Re-Flow Solder Profile
260
°C
Input Static Discharge Voltage Protection (MIL-STD 883E, Method 3015.7)
2
kV
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. These conditions represent a stress rating only, and functional operation of the
device at these or any other conditions above the operational limits noted in this specification is not implied. Exposure to maximum rating conditions for extended conditions may affect
device performance, functionality and reliability.
CAUTION: ELECTROSTATIC SENSITIVE DEVICE
Permanent damage resulting in a loss of functionality or performance may occur if this device is subjected to a high-energy
electrostatic discharge.
Table 11: Operating Conditions
Parameter
Symbol
Conditions/Descriptions
Min.
Typ.
Max.
Units
5 V ± 10%
4.5
5
5.5
Supply Voltage
VDD
3.3 V ± 10%
3
3.3
3.6
V
Ambient Operating Temperature Range
TA
0
70
°C
Crystal Resonator Frequency
fXIN
5
27
MHz
Crystal Resonator Load Capacitance
CXL
Parallel resonant, AT cut
18
pF
Serial Data Transfer Rate
Standard mode
10
100
kb/s
Output Driver Load Capacitance
CL
15
pF
Rev. 3 | Page 17 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com