Electronic Components Datasheet Search
  English  ▼

X  

FS6370 Datasheet(PDF) 12 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FS6370 Datasheet HTML 8Page - ON Semiconductor FS6370 Datasheet HTML 9Page - ON Semiconductor FS6370 Datasheet HTML 10Page - ON Semiconductor FS6370 Datasheet HTML 11Page - ON Semiconductor FS6370 Datasheet HTML 12Page - ON Semiconductor FS6370 Datasheet HTML 13Page - ON Semiconductor FS6370 Datasheet HTML 14Page - ON Semiconductor FS6370 Datasheet HTML 15Page - ON Semiconductor FS6370 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
FS6370
9.0 Programming Information
Table 3: Register Map (Note: All register bits are cleared to zero on power-up)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Byte 15
MUX_D2[1:0]
(selected via SEL_CD = 1)
MUX_C2[1:0]
(selected via SEL_CD = 1)
PDPOST_D
PDPOST_C
PDPOST_B
PDPOST_A
Byte 14
POST_D2[3:0]
(selected via SEL_CD = 1)
POST_C2[3:0]
(selected via SEL_CD = 1)
Byte 13
POST_D1[3:0]
(selected via SEL_CD = 0)
POST_C1[3:0]
(selected via SEL_CD = 0)
Byte 12
POST_B[3:0]
POST_A[3:0]
Byte 11
MUX_D1[1:0]
(selected via SEL_CD = 0)
Reserved (0)
LFTC_C2
(SEL_CD=1)
CP_C2
(SEL_CD=1)
FBKDIV_C2[10:8] M-Counter
(selected via SEL_CD pin = 1)
Byte 10
FBKDIV_C2[7:3] M-Counter
(selected via SEL_CD pin = 1)
FBKDIV_C2[2:0] A-Counter
(selected via SEL_CD pin = 1)
Byte 9
REFDIV_C2[7:0]
(selected via SEL_CD pin = 1)
Byte 8
MUX_C1[1:0]
(selected via SEL_CD = 0)
PDPLL_C
LFTC_C1
(SEL_CD=0)
CP_C1
(SEL_CD=0)
FBKDIV_C1[10:8] M-Counter
(selected via SEL_CD = 0)
Byte 7
FBKDIV_C1[7:3] M-Counter
(selected via SEL_CD = 0
FBKDIV_C1[2:0] A-Counter
(selected via SEL_CD = 1)
Byte 6
REFDIV_C1[7:0]
(selected via SEL_CD = 0)
Byte 5
MUX_B[1:0]
PDPLL_B
LFTC_B
CP_B
FBKDIV_B[10:8] M-Counter
Byte 4
FBKDIV_B[7:3] M-Counter
FBKDIV_B[2:0] A-Counter
Byte 3
REFDIV_B[7:0]
Byte 2
MUX_A[1:0]
PDPLL_A
LFTC_A
CP_A
FBKDIV_A[10:8] M-Counter
Byte 1
FBKDIV_A[7:3] M-Counter
FBKDIV_A[2:0] A-Counter
Byte 0
REFDIV_A[7:0]
9.1 Control Bit Assignments
If any PLL control bit is altered during device operation, including those bits controlling the reference and feedback dividers, the output
frequency will slew smoothly (in a glitch-free manner) to the new frequency. The slew rate is related to the programmed loop filter time
constant.
However, any programming changes to any mux or post divider control bits will cause a glitch on an operating clock output.
9.1.1. Power-Down
All power-down functions are controlled by enable bits. That is, the bits select which portions of the FS6370 to power-down when the
PD input is asserted. If the power-down bit contains a one, the related circuit will shut down if the PD pin is high (run mode only). When
the PD pin is low, power is enabled to all circuits.
If the power-down bit contains a zero, the related circuit will continue to function regardless of the PD pin state.
Rev. 3 | Page 12 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com