Electronic Components Datasheet Search
  English  ▼

X  

ADS58C48IPFP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 25Page - Texas Instruments ADS58C48IPFP Datasheet HTML 26Page - Texas Instruments ADS58C48IPFP Datasheet HTML 27Page - Texas Instruments ADS58C48IPFP Datasheet HTML 28Page - Texas Instruments ADS58C48IPFP Datasheet HTML 29Page - Texas Instruments ADS58C48IPFP Datasheet HTML 30Page - Texas Instruments ADS58C48IPFP Datasheet HTML 31Page - Texas Instruments ADS58C48IPFP Datasheet HTML 32Page - Texas Instruments ADS58C48IPFP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
159-002
1
2
3
4
5
6
7
9
10
8
11
12
13
14
15
16
17
18
19
20
21
22
23
24
34
33
32
30
28
27
26
25
36
35
40
39
38
37
29
31
80
79
78
77
67
69
71
73
74
76
61
62
64
70
66
65
68
63
72
75
SDOUT
CHA_D10
SCLK
RESET
SEN
SDATA
SNRB_1
CHA_D9
CHA_D8
CHA_D7
CHA_D6
CHA_D5
CHA_D2
CHA_D1
CHA_D4
CHA_D3
CHA_D0
DNC
CHB_D9
CHB_D10
CHD_D10
CHD_D9
CHD_D8
CHD_D7
CHD_D6
CHD_D5
CHD_D2
CHD_D1
CHD_D4
CHD_D3
CHD_D0
DNC
CHC_D2
CHC_D1
CHC_D4
CHC_D3
CHC_D0
DNC
DRVDD
PAD IS CONNECTED TO GND
ADS58C48
DRVDD
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
41
P0027-06
ADS58C48
www.ti.com
SLAS689 – MAY 2010
PIN CONFIGURATION (CMOS INTERFACE)
PIN ASSIGNMENTS (CMOS MODE)
PIN
NUMBER
PIN NAME
DESCRIPTION
OF PINS
TYPE
NUMBER
AVDD
1.8 V, analog power supply
I
22, 25, 28, 30,
7
33, 36, 39
CLKP,
Differential clock input
I
31, 32
2
CLKM
INA_P,
Differential analog input, Channel A
I
23, 24
2
INA_M
INB_P,
Differential analog input, Channel B
I
26, 27
2
INB_M
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com