Electronic Components Datasheet Search
  English  ▼

X  

ADS58C48IPFP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 8Page - Texas Instruments ADS58C48IPFP Datasheet HTML 9Page - Texas Instruments ADS58C48IPFP Datasheet HTML 10Page - Texas Instruments ADS58C48IPFP Datasheet HTML 11Page - Texas Instruments ADS58C48IPFP Datasheet HTML 12Page - Texas Instruments ADS58C48IPFP Datasheet HTML 13Page - Texas Instruments ADS58C48IPFP Datasheet HTML 14Page - Texas Instruments ADS58C48IPFP Datasheet HTML 15Page - Texas Instruments ADS58C48IPFP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
ADS58C48
SLAS689 – MAY 2010
www.ti.com
DEVICE CONFIGURATION
ADS58C48 has several modes that can be configured using a serial programming interface, as described below.
In addition, the device has three dedicated parallel pins for controlling common functions such as power down
and SNRBoost 3G control.
The functions controlled by each parallel pin are described below.
Table 4. PDN (Digital Control Pin)
VOLTAGE APPLIED
STATE OF REGISTER BIT
DESCRIPTION
ON PDN
<CONFIGURE PDN PIN>
0
X
Normal operation
HIGH
0
All channel ADCs are put in STANDBY mode (with internal references powered
down). This is an intermediate power down mode, with quick wake-up time.
HIGH
1
Device is put in global power down (all channel ADCs, references and output
buffers) drawing minimum power, with slow wake-up time.
Table 5. SNRB_1 (Digital Control Pin)
VOLTAGE APPLIED
DESCRIPTION
ON SNRB_1
LOW
SNRBoost 3G mode OFF for channels C and D
HIGH
SNRBoost 3G mode ON for channels C and D
Table 6. SNRB_2 (Digital Control Pin)
VOLTAGE APPLIED
DESCRIPTION
ON SNRB_2
LOW
SNRBoost 3G mode OFF for channels A and B
HIGH
SNRBoost 3G mode ON for channels A and B
SERIAL INTERFACE
The ADC has a set of internal registers, which can be accessed by the serial interface formed by pins SEN
(Serial interface Enable), SCLK (Serial Interface Clock) and SDATA (Serial Interface Data).
When SEN is low,
•
Serial shift of bits into the device is enabled.
•
Serial data (on SDATA pin) is latched at every falling edge of SCLK.
•
The serial data is loaded into the register at every 16th SCLK falling edge.
In case the word length exceeds a multiple of 16 bits, the excess bits are ignored. Data can be loaded in multiple
of 16-bit words within a single active SEN pulse.
The first 8 bits form the register address and the remaining 8 bits are the register data. The interface can work
with SCLK frequency from 20 MHz down to very low speeds (few Hertz) and also with non-50% SCLK duty
cycle.
Register Initialization
After power-up, the internal registers MUST be initialized to their default values. This can be done in one of two
ways –
1. through hardware reset by applying a high-going pulse on RESET pin (of width greater than 10ns) as shown
in Figure 6
OR
2. By applying software reset. Using the serial interface, set the <RESET> bit (D1 in register 0x00) to HIGH.
This initializes internal registers to their default values and then self-resets the <RESET> bit to low. In this
case the RESET pin is kept low.
12
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com