Electronic Components Datasheet Search
  English  ▼

X  

ADS58C48IPFP Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 40 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 36Page - Texas Instruments ADS58C48IPFP Datasheet HTML 37Page - Texas Instruments ADS58C48IPFP Datasheet HTML 38Page - Texas Instruments ADS58C48IPFP Datasheet HTML 39Page - Texas Instruments ADS58C48IPFP Datasheet HTML 40Page - Texas Instruments ADS58C48IPFP Datasheet HTML 41Page - Texas Instruments ADS58C48IPFP Datasheet HTML 42Page - Texas Instruments ADS58C48IPFP Datasheet HTML 43Page - Texas Instruments ADS58C48IPFP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
83
83.2
83.4
83.6
83.8
84
84.2
84.4
84.6
84.8
85
66.2
66.25
66.3
66.35
66.4
66.45
66.5
66.55
66.6
66.65
66.7
SFDR
DRVDD SUPPLY (V)
SNR
Fin = 40MHz
75
76
77
78
79
80
81
82
83
84
85
86
87
0.1
0.4
0.7
1
1.3
1.6
1.9
2.2
Fin = 40MHz
Fin =150MHz
Differential Clock Amplitude (Vpp)
65.7
65.8
65.9
66
66.1
66.2
66.3
66.4
66.5
66.6
66.7
66.8
66.9
67
0.1
0.4
0.7
1
1.3
1.6
1.9
2.2
Fin = 40MHz
Fin =150MHz
Differential Clock Amplitude (Vpp)
ADS58C48
SLAS689 – MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock. 1.5 VPP
differential clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, High Perf Mode disabled, 0 dB gain,
DDR LVDS output interface, 32k point FFT (unless otherwise noted)
PERFORMANCE ACROSS DRVDD SUPPLY VOLTAGE (CMOS)
Figure 37.
SFDR
SNR
vs
vs
INPUT CLOCK AMPLITUDE
INPUT CLOCK AMPLITUDE
Figure 38.
Figure 39.
40
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com