Electronic Components Datasheet Search
  English  ▼

X  

ADS58C48IPFP Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 33Page - Texas Instruments ADS58C48IPFP Datasheet HTML 34Page - Texas Instruments ADS58C48IPFP Datasheet HTML 35Page - Texas Instruments ADS58C48IPFP Datasheet HTML 36Page - Texas Instruments ADS58C48IPFP Datasheet HTML 37Page - Texas Instruments ADS58C48IPFP Datasheet HTML 38Page - Texas Instruments ADS58C48IPFP Datasheet HTML 39Page - Texas Instruments ADS58C48IPFP Datasheet HTML 40Page - Texas Instruments ADS58C48IPFP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
−55 −50 −45 −40 −35 −30 −25 −20 −15 −10
−5
0
20
30
40
50
60
70
80
90
100
66
66.3
66.6
66.9
67.2
67.5
67.8
68.1
68.4
SFDR dBc
SFDR dBFS
Input Amplitude (dBFS)
SNR dBFS
Fin = 150MHz
−55 −50 −45 −40 −35 −30 −25 −20 −15 −10
−5
0
40
45
50
55
60
65
70
75
80
85
90
95
100
105
71
71.5
72
72.5
73
73.5
74
74.5
75
75.5
76
76.5
77
77.5
In−Band SFDR dBc
In−Band SFDR dBFS
Input Amplitude (dBFS)
In−Band SNR dBFS
Fin = 150MHz
ADS58C48
www.ti.com
SLAS689 – MAY 2010
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock. 1.5 VPP
differential clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, High Perf Mode disabled, 0 dB gain,
DDR LVDS output interface, 32k point FFT (unless otherwise noted)
PERFORMANCE ACROSS INPUT AMPLITUDE WITH SNRBoost 3G DISABLED
Figure 30.
PERFORMANCE ACROSS INPUT AMPLITUDE WITH SNRBoost 3G ENABLED, 60-MHz BANDWIDTH
Figure 31.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com