Electronic Components Datasheet Search
  English  ▼

X  

ADS58C48IPFP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 2Page - Texas Instruments ADS58C48IPFP Datasheet HTML 3Page - Texas Instruments ADS58C48IPFP Datasheet HTML 4Page - Texas Instruments ADS58C48IPFP Datasheet HTML 5Page - Texas Instruments ADS58C48IPFP Datasheet HTML 6Page - Texas Instruments ADS58C48IPFP Datasheet HTML 7Page - Texas Instruments ADS58C48IPFP Datasheet HTML 8Page - Texas Instruments ADS58C48IPFP Datasheet HTML 9Page - Texas Instruments ADS58C48IPFP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
ADS58C48
SLAS689 – MAY 2010
www.ti.com
Table 1. SNR Enhancement with SNRBoost 3G Enabled(1)
SNR WITHIN SPECIFIED BANDWIDTH (dBFS)
BANDWIDTH,
IN DEFAULT MODE
MHz
WITH SNRBoost 3G ENABLED(2)(3)
(SNRBoost 3G Disabled)
MIN
TYP
MAX
MIN
TYP
MAX
60
68
69.7
72.3
40
69.8
71.8
74.5
30
71
72.8
75.4
20
72.8
74.4
76.8
(1)
SNRBoost 3G bath-tub centered at (3/4)xFs, -2 dBFS input applied at Fin = 140 MHz, sampling
frequency = 200 MSPS
(2)
Using suitable filters. See note on SNRBoost 3G in the SNR ENHANCEMENT USING SNRBOOST
section.
(3)
Specified by characterization.
ELECTRICAL CHARACTERISTICS
Typical values are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, sampling frequency = 200 MSPS, 50% clock duty cycle, –1
dBFS differential analog input, SNRBoost disabled, LVDS and CMOS interfaces unless otherwise noted.
MIN and MAX values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V, DRVDD = 1.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Fin= 20 MHz
66.7
dBFS
Signal to noise ratio,
Fin = 100 MHz
66.5
LVDS
Fin = 170 MHz
65
66.1
SINAD
Fin = 20 MHz
66.6
dBFS
Signal to noise and distortion ratio
Fin = 100 MHz
66.4
Fin = 170 MHz
64
65.9
SFDR
Fin = 20 MHz
84
dBc
Spurious free dynamic range
Fin = 100 MHz
84
Fin = 170 MHz
70.5
80
THD
Fin = 20 MHz
81.5
dBc
Total harmonic distortion
Fin = 100 MHz
82.5
Fin = 170 MHz
70
78
HD2
Fin = 20 MHz
88
dBc
Second harmonic distortion
Fin = 100 MHz
86
Fin = 170 MHz
70.5
82
HD3
Fin = 20 MHz
84
dBc
Third harmonic distortion
Fin = 100 MHz
84
Fin = 170 MHz
70.5
80
Worst Spur
Fin = 20 MHz
90
dBc
Other than second, third harmonics
Fin = 100 MHz
89
Fin = 170 MHz
76.5
88
IMD
F1 = 185 MHz, F2 = 190 MHZ, each tone at –7 dBFS
83
dBFS
2-tone inter-modulation distortion
Input overload recovery
Recovery to within 1% (of final value) for 6-dB overload with sine
1
clock
wave input
cycles
Crosstalk
With a full-scale 170MHz aggressor signal
Far channel
98
dB
applied and no input on the victim channel
Near channel
83
PSRR
For 50-mVpp signal on AVDD supply
25
dB
AC power supply rejection ratio
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com