Electronic Components Datasheet Search
  English  ▼

X  

ADS58C48IPFP Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 64 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 60Page - Texas Instruments ADS58C48IPFP Datasheet HTML 61Page - Texas Instruments ADS58C48IPFP Datasheet HTML 62Page - Texas Instruments ADS58C48IPFP Datasheet HTML 63Page - Texas Instruments ADS58C48IPFP Datasheet HTML 64Page - Texas Instruments ADS58C48IPFP Datasheet HTML 65Page - Texas Instruments ADS58C48IPFP Datasheet HTML 66Page - Texas Instruments ADS58C48IPFP Datasheet HTML 67Page - Texas Instruments ADS58C48IPFP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
SINAD
1.76
ENOB =
6.02
-
10
S
N
P
THD = 10Log
P
(ExpressedindBc)
DVSUP
DVOUT
10
PSRR=20Log
(ExpressedindBc)
DVCM
DVOUT
10
CMRR=20Log
ADS58C48
SLAS689 – MAY 2010
www.ti.com
Effective Number of Bits (ENOB) – ENOB is a measure of the converter performance as compared to the
theoretical limit based on quantization noise.
(3)
Total Harmonic Distortion (THD) – THD is the ratio of the power of the fundamental (PS) to the power of the
first nine harmonics (PD).
(4)
THD is typically given in units of dBc (dB to carrier).
Spurious-Free Dynamic Range (SFDR) – The ratio of the power of the fundamental to the highest other
spectral component (either spur or harmonic). SFDR is typically given in units of dBc (dB to carrier).
Two-Tone Intermodulation Distortion – IMD3 is the ratio of the power of the fundamental (at frequencies f1
and f2) to the power of the worst spectral component at either frequency 2f1 – f2 or 2f2 – f1. IMD3 is either given
in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the reference, or dBFS (dB
to full-scale) when the power of the fundamental is extrapolated to the converter full-scale range.
DC Power-Supply Rejection Ratio (DC PSRR) – DC PSSR is the ratio of the change in offset error to a change
in analog supply voltage. The dc PSRR is typically given in units of mV/V.
AC Power-Supply Rejection Ratio (AC PSRR) – AC PSRR is the measure of rejection of variations in the
supply voltage by the ADC. If
ΔVSUP is the change in supply voltage and ΔVOUT is the resultant change of the
ADC output code (referred to the input), then:
(5)
Voltage Overload Recovery – The number of clock cycles taken to recover to less than 1% error after an
overload on the analog inputs. This is tested by separately applying a sine wave signal with 6 dB positive and
negative overload. The deviation of the first few samples after the overload (from the expected values) is noted.
Common-Mode Rejection Ratio (CMRR) – CMRR is the measure of rejection of variation in the analog input
common-mode by the ADC. If
ΔVCM_IN is the change in the common-mode voltage of the input pins and ΔVOUT is
the resulting change of the ADC output code (referred to the input), then:
(6)
Crosstalk (only for multi-channel ADCs) – This is a measure of the internal coupling of a signal from an
adjacent channel into the channel of interest. It is specified separately for coupling from the immediate
neighboring channel (near-channel) and for coupling from channel across the package (far-channel). It is usually
measured by applying a full-scale signal in the adjacent channel. Crosstalk is the ratio of the power of the
coupling signal (as measured at the output of the channel of interest) to the power of the signal applied at the
adjacent channel input. It is typically expressed in dBc.
64
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com