Electronic Components Datasheet Search
  English  ▼

X  

ADS58C48IPFP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 20Page - Texas Instruments ADS58C48IPFP Datasheet HTML 21Page - Texas Instruments ADS58C48IPFP Datasheet HTML 22Page - Texas Instruments ADS58C48IPFP Datasheet HTML 23Page - Texas Instruments ADS58C48IPFP Datasheet HTML 24Page - Texas Instruments ADS58C48IPFP Datasheet HTML 25Page - Texas Instruments ADS58C48IPFP Datasheet HTML 26Page - Texas Instruments ADS58C48IPFP Datasheet HTML 27Page - Texas Instruments ADS58C48IPFP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
ADS58C48
SLAS689 – MAY 2010
www.ti.com
1
LVDS output clock buffer has double strength to be used with 50-
Ω external termination
D7
<STBY>
0
Normal operation
1
All 4 channels are put in standby. Wake-up time from this mode is fast, typically 10 µsec
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
BF
00
<OFFSET PEDESTAL – CH B>
0
0
0
0
0
C1
00
<OFFSET PEDESTAL – CH A>
0
0
0
0
0
C3
00
<OFFSET PEDESTAL – CH C>
0
0
0
0
0
C5
00
<OFFSET PEDESTAL – CH D>
0
0
0
0
0
D7-D5
<OFFSET PEDESTAL – CH X> When the offset correction is enabled, the final converged value
after the offset is corrected will be the ADC mid-code value. A pedestal can be added to the final
converged value by programming these bits. Refer to the OFFSET CORRECTION section in
Application Information. Channels can be independently programmed for different offset pedestal by
choosing relevant register address.
011
PEDESTAL = 3 LSB
010
PEDESTAL = 2 LSB
001
PEDESTAL = 1 LSB
000
PEDESTAL = 0 LSB
111
PEDESTAL = –1 LSB
110
PEDESTAL = –2 LSB
101
PEDESTAL = –3 LSB
100
PEDESTAL = –4 LSB
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
CF
00
<FREEZE
0
<OFFSET CORR TIME CONSTANT>
0
0
OFFSET
CORR>
D7
<FREEZE OFFSET CORR> This bit sets the freeze offset correction.
0
Estimation of offset correction is not frozen (bit <EN OFFSET CORR> must be set)
1
Estimation of offset correction is frozen (bit <EN OFFSET CORR> must be set). When frozen, the
last estimated value is used for offset correction every clock cycle. Refer to the OFFSET
CORRECTION section.
D5-D2
<OFFSET CORR TIME CONSTANT> Offset correction loop time constant in number of clock
cycles. Refer to the OFFSET CORRECTION section.
24
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com