Electronic Components Datasheet Search
  English  ▼

X  

ADS58C48IPFP Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 48 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 44Page - Texas Instruments ADS58C48IPFP Datasheet HTML 45Page - Texas Instruments ADS58C48IPFP Datasheet HTML 46Page - Texas Instruments ADS58C48IPFP Datasheet HTML 47Page - Texas Instruments ADS58C48IPFP Datasheet HTML 48Page - Texas Instruments ADS58C48IPFP Datasheet HTML 49Page - Texas Instruments ADS58C48IPFP Datasheet HTML 50Page - Texas Instruments ADS58C48IPFP Datasheet HTML 51Page - Texas Instruments ADS58C48IPFP Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
INx_P
INx_M
VCM
10to15
0.1uF
10to15
Rin
Cin
ADS58C48
T1
50
50
3.3pF
25
25
1:1
1:1
0.1uF
T2
5to10
0.1uF
5to10
T1
25
25
1:1
1:1
0.1uF
T2
INx_P
INx_M
VCM
Rin
Cin
ADS58C48
BANDPASS
ORLOWPASS
FILTER
10
0.1uF
10
100
100
1:4
INx_P
INx_M
VCM
Rin
Cin
ADS58C48
Differential
InputSignal
ADS58C48
SLAS689 – MAY 2010
www.ti.com
The mismatch in the transformer parasitic capacitance (between the windings) results in degraded even-order
harmonic performance. Connecting two identical RF transformers back to back helps minimize this mismatch and
good performance is obtained for high frequency input signals. An additional termination resistor pair may be
required between the two transformers as shown in the figures. The center point of this termination is connected
to ground to improve the balance between the P and M sides. The values of the terminations between the
transformers and on the secondary side have to be chosen to get an effective 50
Ω (in the case of 50-Ω source
impedance).
Figure 54. Drive Circuit with Low Bandwidth (For low input frequencies)
Figure 55. Drive Circuit with High Bandwidth (For high input frequencies)
All these examples show 1:1 transformers being used with a 50-
Ω source. As explained in the Drive Circuit
Requirements, this helps to present a low source impedance to absorb the sampling glitches. With a 1:4
transformer, the source impedance will be 200
Ω. The higher impedance can lead to degradation in performance,
compared to the case with 1:1 transformers.
For applications where only a band of frequencies are used, the drive circuit can be tuned to present a low
impedance for the sampling glitches. Figure 56 shows an example with 1:4 transformer, tuned for a band around
150 MHz.
Figure 56. Drive Circuit with 1:4 Transformer
48
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com