Electronic Components Datasheet Search
  English  ▼

X  

ADS58C48IPFP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 15Page - Texas Instruments ADS58C48IPFP Datasheet HTML 16Page - Texas Instruments ADS58C48IPFP Datasheet HTML 17Page - Texas Instruments ADS58C48IPFP Datasheet HTML 18Page - Texas Instruments ADS58C48IPFP Datasheet HTML 19Page - Texas Instruments ADS58C48IPFP Datasheet HTML 20Page - Texas Instruments ADS58C48IPFP Datasheet HTML 21Page - Texas Instruments ADS58C48IPFP Datasheet HTML 22Page - Texas Instruments ADS58C48IPFP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
ADS58C48
www.ti.com
SLAS689 – MAY 2010
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
29
00
0
0
0
<DATA FORMAT CH A
0
0
0
CH B>
D4-D3
<DATA FORMAT CH A CH B>
00
Both channels in 2s complement
01
Both channels in 2s complement
10
Both channels in 2s complement
11
Both channels in offset binary
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
2B
00
<GAIN CH A>
0
<TEST PATTERNS – CH A>
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
2D
00
0
<CHA SNRBoost FILTER #>
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
2E
00
0
<SNRBoost
0
0
0
0
0
0
CH A ON>
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
31
00
<GAIN CH C>
0
<TEST PATTERNS – CH C>
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
32
00
0
<CHC SNRBoost FILTER #>
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
34
00
0
<SNRBoost
0
0
0
0
0
0
CH C ON>
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com