Electronic Components Datasheet Search
  English  ▼

X  

ADS58C48IPFP Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 38Page - Texas Instruments ADS58C48IPFP Datasheet HTML 39Page - Texas Instruments ADS58C48IPFP Datasheet HTML 40Page - Texas Instruments ADS58C48IPFP Datasheet HTML 41Page - Texas Instruments ADS58C48IPFP Datasheet HTML 42Page - Texas Instruments ADS58C48IPFP Datasheet HTML 43Page - Texas Instruments ADS58C48IPFP Datasheet HTML 44Page - Texas Instruments ADS58C48IPFP Datasheet HTML 45Page - Texas Instruments ADS58C48IPFP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
−60
−55
−50
−45
−40
−35
−30
−25
−20
0
50
100
150
200
250
300
Fin = 40MHz
Fin = 150MHz
Frequency of Signal on Input Common−Mode Voltage (MHz)
50mVpp Signal Superimposed on
Input Common−Mode Voltage(0.95V)
Frequency (MHz)
0
10
20
30
40
50
60
70
80
90
100
-120
-100
-80
-60
-40
-20
0
fcm = 10MHz
fin - fcm = 30MHz
fin = 40MHz
fin + fcm = 50MHz
fin = 40MHz
fcm = 10MHz,100mVpp
Amplitude (fin) = -1dBFS
Amplitude (fcm) = -84.3dBFS
Amplitude (fin + fcm) = -79.9dBFS
Amplitude (fin - fcm) = -86.8dBFS
ADS58C48
SLAS689 – MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock. 1.5 VPP
differential clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, High Perf Mode disabled, 0 dB gain,
DDR LVDS output interface, 32k point FFT (unless otherwise noted)
CMRR
vs
FREQUENCY
Figure 43.
CMRR SPECTRUM
Figure 44.
42
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com