Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5757 Datasheet HTML 8Page - Analog Devices AD5757 Datasheet HTML 9Page - Analog Devices AD5757 Datasheet HTML 10Page - Analog Devices AD5757 Datasheet HTML 11Page - Analog Devices AD5757 Datasheet HTML 12Page - Analog Devices AD5757 Datasheet HTML 13Page - Analog Devices AD5757 Datasheet HTML 14Page - Analog Devices AD5757 Datasheet HTML 15Page - Analog Devices AD5757 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
AD5757/AD5737
Preliminary Technical Data
Rev. PrD | Page 12 of 31
Pin No. Mnemonic
Description
53
AVSS
Negative Analog Supply Pin.
54
IOUT_D
Current Output Pin for DAC Channel D.
55
N/C
No Connection. Do not connect to this pin.
56
VBOOST_D
Supply for channel D’s current output stage (See Figure 14). To use the DC-DC feature of the device,
connect as shown in Figure 1.
57
COMPDCDC_D
DC-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of channel D’s DC-DC converter.
58
IGATED
Optional connection for external pass transistor. Not required when using DC-DC. Should be left unconnected.
59
CHARTD
Hart Input Connection for DAC Channel D
60
N/C
No Connection. Do not connect to this pin.
61
REFIN
External Reference Voltage Input.
62
REFOUT
Internal Reference Voltage Output.
63
RSET_D
An external, precision, low drift 15 kΩ current setting resistor can be connected to this pin to improve the
IOUT_D temperature drift performance. See the Features section.
64
RSET_C
An external, precision, low drift 15 kΩ current setting resistor can be connected to this pin to improve the
IOUT_C temperature drift performance. See the Features section.
Exposed PADDLE
CONNECTED TO AVss SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com