Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5757 Datasheet HTML 11Page - Analog Devices AD5757 Datasheet HTML 12Page - Analog Devices AD5757 Datasheet HTML 13Page - Analog Devices AD5757 Datasheet HTML 14Page - Analog Devices AD5757 Datasheet HTML 15Page - Analog Devices AD5757 Datasheet HTML 16Page - Analog Devices AD5757 Datasheet HTML 17Page - Analog Devices AD5757 Datasheet HTML 18Page - Analog Devices AD5757 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Preliminary Technical Data
AD5757/AD5737
Rev. PrD | Page 15 of 31
REGISTERS
Table 7 below shows an overview of the Registers for the AD5757/AD5737
Table 7. Data and Control Registers for AD5757/AD5737
DATA REGISTERS
Description
DAC Data Register (X4)
Used to write a DAC code to each DAC channel. AD5757 Data bits (D15 to D0),
AD5737 Data Bits (D15 to D4).
There are four DAC Data Registers, one per DAC Channel.
Gain Register (X4)
Used to program gain trim on per channel basis. AD5757 Data bits (D15 to D0),
AD5737 Data Bits (D15 to D4).
There are four Gain Registers, one per DAC channel.
Offset Register (X4)
Used to program offset tro, on per channel basis. AD5757 Data bits (D15 to D0),
AD5737 Data Bits (D15 to D4).
There are four Offset Registers, one per DAC channel.
Clear Code Register (X4)
Used to program Clear Code on per channel basis. AD5757 Data bits (D15 to D0),
AD5737 Data Bits (D15 to D4).
There are four Clear Code Registers, one per DAC channel.
CONTROL REGISTERS
Main Control Register
Used to Configure the part for main operation. Sets functions such as status
readback during write, enable output on all channels simultaneously, power on all
DC-DC blocks simultaneously, enables and sets conditions of watchdog timer. See
Features Section for more details.
Software Register
Has two functions. Used to perform a reset. Is also used as part of the watchdog
timer feature to verify correct data communication operation.
Slew Rate Control Register (X4)
Use to program the slew rate of the output.
There are four Slew Rate Control Registers, one per channel.
DAC Control Register (X4)
These registers are used to control the following:
1)
Set the output range, e.g. 4-20ma.
2)
Set whether Internal/External sense Resistor used.
3)
Enable/Disable channel for CLEAR.
4)
Enable/Disable output on a per channel basis.
5)
Power on DC-DC on a per channel basis.
There are four DAC Control Registers, one per DAC channel.
DC-DC Control Register
Use to set the DC-DC Control parameters. Can control DC-DC max voltage, phase
and frequency.
READBACK
Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com