Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5757 Datasheet HTML 16Page - Analog Devices AD5757 Datasheet HTML 17Page - Analog Devices AD5757 Datasheet HTML 18Page - Analog Devices AD5757 Datasheet HTML 19Page - Analog Devices AD5757 Datasheet HTML 20Page - Analog Devices AD5757 Datasheet HTML 21Page - Analog Devices AD5757 Datasheet HTML 22Page - Analog Devices AD5757 Datasheet HTML 23Page - Analog Devices AD5757 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
AD5757/AD5737
Preliminary Technical Data
Rev. PrD | Page 20 of 31
CONTROL REGISTERS
When writing to a data register the following format must be used:
Table 22. Writing to a control register
MSB
LSB
D23 D22
D21
D20 D19 D18 D17
D16
D15
D14
D13
D12to D0
R/W DUT_AD1 DUT_AD0 1
1
1
DAC_AD1 DAC_AD0 CREG2 CREG1 CREG0
See Table 9 for configuration on bits D23 to D16. The control registers are addressed by setting the DREG bits to DREG2 = 1, DREG1 =
1, DREG0=1 and then setting the CREG2, CREG1 and CREG0 bits to the appropriate decode address for that register as per Table 23
below. These CREG bits select between the various control registers.
Table 23. Register Access Decode
CREG2, (D15)
CREG1, (D14)
CREG0, (D13)
0
0
0
Slew Rate Control Register (one per channel)
0
0
1
Main Control Register
0
1
0
DAC Control Register (one per channel)
0
1
1
DC-DC Control Register
1
0
0
Software Register (one per channel)
MAIN CONTROL REGISTER
CREG2, CREG1, CREG0 are set to ‘0,0,1’ to select the Main Control Register. The Main Control Register options are shown below.
Table 24. Programming the Main Control Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3 to D0
0
0
1
0
STATREAD
EWD
WD1
WD0
X
X
OUTEN ALL
DC-DC ALL
X
Table 25. Main Control Register Functions.
Option
Description
STATREAD
Enable status readback during a write. See Features section.
STATREAD =1, Enable
STATREAD =0, Disable
EWD
Enable Watchdog Timer. See features section for more information.
EWD=1, Enable Watchdog
EWD=0, Disable Watchdog
WD1, WD0
Timeout Select Bits. Used to select timeout period for watchdog timer.
WD1
WD0
0
0
5ms
0
1
10ms
1
0
100ms
1
1
200ms
OUTEN ALL
Enables the output on all 4 DAC simultaneously.
Do not use the OUTEN ALL bit when using the OUTEN bit in the DAC Control Registers.
DC_DCALL
When set, Powers up the DC-DC on all 4 channels Simultaneously.
To Power down the DC-DCs all channels outputs must first be disabled.
Do not use the DC_DCALL bit when using the DC_DC bit in the DAC Control Registers.
DAC CONTROL REGISTER
The DAC Control Register is used to configure each DAC Channel. The DAC Control Register is selected by setting bits CREG2, CREG1,
CREG0 to 0,1,0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com