Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5757 Datasheet HTML 19Page - Analog Devices AD5757 Datasheet HTML 20Page - Analog Devices AD5757 Datasheet HTML 21Page - Analog Devices AD5757 Datasheet HTML 22Page - Analog Devices AD5757 Datasheet HTML 23Page - Analog Devices AD5757 Datasheet HTML 24Page - Analog Devices AD5757 Datasheet HTML 25Page - Analog Devices AD5757 Datasheet HTML 26Page - Analog Devices AD5757 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Preliminary Technical Data
AD5757/AD5737
Rev. PrD | Page 23 of 31
READBACK OPERATION
Readback mode is invoked by setting the R/W bit = 1 in the serial input register write. With R/W = 1, bits DUT_AD1, DUT_AD0, in
association with bits RD4, RD3, RD2, RD1, RD0 (See Table 34), select the register to be read. The remaining data bits in the write
sequence are don’t care. During the next SPI transfer, the data appearing on the SDO output contains the data from the previously
addressed register. The readback diagram in Figure 3 shows the readback sequence.
Table 33. Input Shift Register Contents for a read operation
D23
D22
D21
D20 D19 D18 D17 D16
D15 to D0
R/W DUT_AD1 DUT_AD0 RD4 RD3 RD2 RD1 RD0
X
Table 34. Read Address Decoding
RD4
RD3
RD2
RD1
RD0
Function
0
0
0
0
0
Read DACA Data Register
0
0
0
0
1
Read DACB Data Register
0
0
0
1
0
Read DACC Data Register
0
0
0
1
1
Read DACD Data Register
0
0
1
0
0
Read Control Register DAC A
0
0
1
0
1
Read Control Register DAC B
0
0
1
1
0
Read Control Register DAC C
0
0
1
1
1
Read Control Register DAC D
0
1
0
0
0
Read Gain Register A
0
1
0
0
1
Read Gain Register B
0
1
0
1
0
Read Gain Register C
0
1
0
1
1
Read Gain Register D
0
1
1
0
0
Read Offset Register A
0
1
1
0
1
Read Offset Register B
0
1
1
1
0
Read Offset Register C
0
1
1
1
1
Read Offset Register D
1
0
0
0
0
Clear Code Register DAC A
1
0
0
0
1
Clear Code Register DAC B
1
0
0
1
0
Clear Code Register DAC C
1
0
0
1
1
Clear Code Register DAC D
1
0
1
0
0
Slew Rate Control Register DAC A
1
0
1
0
1
Slew Rate Control Register DAC B
1
0
1
1
0
Slew Rate Control Register DAC C
1
0
1
1
1
Slew Rate Control Register DAC D
1
1
0
0
0
Read Status Register
1
1
0
0
1
Read Main Control Register
1
1
0
1
0
Read DC-DC Control Register
Read Back Example
To read back the Gain Register of Device #1 Channel A on the AD5757, the following sequence should be implemented:
1. Write 0xA80000 to the AD5757 input register. This configures the AD5757 device address #1 for read mode with the Gain Register of
channel A selected.. Note that all the data bits, D15 to D0, are don’t care.
2.
Follow this with any read/write command. During this command, the data from the selected Gain Register is clocked out on the SDO
line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com