Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5757 Datasheet HTML 10Page - Analog Devices AD5757 Datasheet HTML 11Page - Analog Devices AD5757 Datasheet HTML 12Page - Analog Devices AD5757 Datasheet HTML 13Page - Analog Devices AD5757 Datasheet HTML 14Page - Analog Devices AD5757 Datasheet HTML 15Page - Analog Devices AD5757 Datasheet HTML 16Page - Analog Devices AD5757 Datasheet HTML 17Page - Analog Devices AD5757 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
AD5757/AD5737
Preliminary Technical Data
Rev. PrD | Page 14 of 31
THEORY OF OPERATION
The AD5757/AD5737 is a quad, precision digital to current
loop converter designed to meet the requirements of industrial
process control applications. It provides a high precision, fully
integrated, low cost single-chip solution for generating current
loop outputs. The current ranges available are; 0 to 20mA, 0 to
24mA and 4 to 20mA. The desired output configuration is user
selectable via the DAC Control Register.
On chip dynamic power control minimizes package power
dissipation in current mode.
DAC ARCHITECTURE
The DAC core architecture of the AD5757/AD5737 consists of
two matched DAC sections. A simplified circuit diagram is
shown in Figure 13. The 4 MSBs of the 16/12-bit data word are
decoded to drive 15 switches, E1 to E15. Each of these switches
connects 1 of 15 matched resistors to either ground or the
reference buffer output. The remaining 12/8 bits of the data-
word drive switches S0 to S11 /S7 of a 12/8-bit voltage mode R-
2R ladder network.
Figure 13. DAC Ladder Structure
The voltage output from the DAC core is converted to a current
(see Figure 14) which is then mirrored to the supply rail so that
the application simply sees a current source output with respect
to ground.
Figure 14. Voltage to Current conversion circuitry
Reference Buffers
The AD5757/AD5737 can operate with either an external or
internal reference. The reference input has an input range of 4 V
to 5 V, 5 V for specified performance. This input voltage is then
buffered before it is applied to the DAC.
POWER ON STATE OF AD5757/AD5737
On initial power-up of the
AD5757/AD5737 with the Iout pin in
tri-state mode.
SERIAL INTERFACE
The AD5757/AD5737 is controlled over a versatile 3-wire serial
interface that operates at clock rates of up to 30 MHz and is
compatible with SPI®, QSPI™, MICROWIRE™, and DSP
standards. Data coding is always straight binary.
Input Shift Register
The input shift register is 24 bits wide. Data is loaded into the
device MSB first as a 24-bit word under the control of a serial
clock input, SCLK. Data is clocked in on the falling edge of
SCLK.
There are two ways in which the DAC outputs can be updated
as outlined below.
Individual DAC Updating
In this mode, LDAC is held low while data is being clocked into
the DAC Data Register. The addressed DAC output is updated
on the rising edge of SYNC.
Simultaneous Updating of All DACs
In this mode, LDAC is held high while data is being clocked
into the DAC Data Register. Only the first write to each
channels data register will be valid after LDAC is brought high.
Any subsequent writes while LDAC is still held high will be
ignored. All the DAC outputs are updated by taking LDAC low
any time after SYNC has been taken high.
Figure 15. Simplified Serial Interface of Input Loading Circuitryfor One DAC
Channel
8-12 BIT R-2R LADDER
FOUR MSBs DECODED INTO
15 EQUAL SEGMENTS
2R
2R
S0
S1
S7/S11
E1
E2
E15
VOUT
2R
2R
2R
2R
2R
12-/16-BIT
DAC
A1
VBOOST
IOUT
A2
T1
T2
RSET
R2
R3
VOUT
DAC
REGISTER
INTERFACE
LOGIC
OUTPUT
I/V AMPLIFIER
LDAC
SDO
SDIN
16-BIT
DAC
VREFIN
SYNC
INPUT
REGISTER
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com