Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5757 Datasheet HTML 23Page - Analog Devices AD5757 Datasheet HTML 24Page - Analog Devices AD5757 Datasheet HTML 25Page - Analog Devices AD5757 Datasheet HTML 26Page - Analog Devices AD5757 Datasheet HTML 27Page - Analog Devices AD5757 Datasheet HTML 28Page - Analog Devices AD5757 Datasheet HTML 29Page - Analog Devices AD5757 Datasheet HTML 30Page - Analog Devices AD5757 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
AD5757/AD5737
Preliminary Technical Data
Rev. PrD | Page 28 of 31
Discontinuous conduction mode refers to a mode of operation
where the inductor current goes to zero for an appreciable % of
the switching cycle. The DCDC converters are non
synchronous i.e. they require an external schottky diode.
DC-DC Output Voltage
When a channel current output is enabled the converter
regulates the Vboost supply to 7.5V or (Iout*Rload+2V),
whichever is greater. The maximum Vboost voltage is set in the
DC-DC Control Register (25, 27.3, 28.6 or 30V. See Table 31).
DC-DC On-Board Switch
The AD5757/AD5737 contains a 0.5ohm internal switch . The
switch current is monitored on a pulse by pulse basis & is
limited to 0.8A peak current.
DC-DC Switching Frequency and Phase
The AD5757/AD5737 DCDC switching frequency can be
selected from the DCDC Control Register to be 250Khz,
400Khz, 649kHz or 812kHz. The phasing of the channels can
also be adjusted so that the DCDCs can clock on different edges
(See Table 31). For typical applications a 250Khz frequency is
recommended. At light loads (low output current & small load
resistor) the DCDC enters a pulse skipping mode to minimize
switching power dissipation.
DC-DC Inductor Selection
For typical 4-20mA applications a 10uH inductor combined
with a switching frequency of 250Khz will allow up to 24mA to
be driven into a load resistance of up to 1kΩ with an AVcc
supply from 2.7 to 5.5v. The inductor must be able to handle the
peak current without saturating at the maximum ambient
temperature.
If an alternative Inductor/Switching frequency is preferred then
one must ensure that the DCDC continues to operates in DCM
mode and that the inductor current is less than 0.8A.
SW
OUT
OUT
IN
OUT
IN
SW
PEAK
CC
OUT
OUT
F
V
I
V
V
V
L
F
I
V
V
I
×
×
×
×
−
<
<
×
−
×
2
max
max
min
max
2
min
2
max
min
max
max
2
)
(
)
(
2
η
Where:
IPEAKmax=Maximum Peak Current (0.8A limit)
FSW=Switching Frequency set in the DCDC Control Register.
η = efficiency (Assume = 0.8)
DC-DC External schottky selection
The AD5757/AD5737 requires an external schottky for correct
operation. Ensure the schottky is rated to handle the the
maximum reverse breakdown expected in operation & that the
rectifier maximum junction temperature is not exceeded. The
diode average current = Iload current.
DC-DC Compensation Capacitors
As the DCDC operates in DCM the uncompensated transfer
function is essentially a single pole transfer function. The pole
frequency is determined by Cout, Vin, Vout & Iload. The
AD5757/AD5737 uses an external capacitor in conjunction
with an internal 150k resistor to compensate the regulator loop.
For typical 4-20mA applications connect a 10nF capacitor from
each of the COMPDCDC_A/_B/_C/_D pins to GND.
DC-DC Input and Output Capacitor Selection
The output capacitor effects ripple voltage of the DCDC
converter & also indirectly limits the maximum slew rate at
which the channel output current can rise. The ripple voltage is
caused by a combination of the capacitance & ESR (equivalent
series resistance) of the capacitor. For the AD5757/AD5737 a
ceramic capacitor of 4.7µF is recommended for typical
applications. Larger capacitors or paralled capacitors will
improve the ripple at the expense of reduced slew rate.
The input capacitor will provide much of the dynamic current
required for the DCDC converter & should also be a low ESR
component. For the AD5757/AD5737 a ceramic capacitor of
10µF is recommended for typical applications. Ceramic
capacitors must be chosen carefully as they can exhibit a large
sensitivity to DC bias voltages & temperature. X5R or X7R
dielectrics are preferred as these capacitors remain stable over
wider operating voltage & temperature ranges.
Iout Slew Rate when using the DC-DC
When the AD5757/AD5737 is configured in Iout mode & a step
increase in output current is programmed then the DCDC
converter must increase its output voltage so that Vboost ≈
Iout*Rload+2v. This requires that the output capacitor of the
DCDC circuit must also be charge to the new voltage. The
amount of power required to do this is 0.5*C*(Vnew-Vold).
Figure 7. And Figure 8.show Iout settling for a 0 to 24mA step
into a 1kohm load for different caps & inductor/switching
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com