Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 3 Page - Analog Devices

  AD5757 Datasheet HTML 1Page - Analog Devices AD5757 Datasheet HTML 2Page - Analog Devices AD5757 Datasheet HTML 3Page - Analog Devices AD5757 Datasheet HTML 4Page - Analog Devices AD5757 Datasheet HTML 5Page - Analog Devices AD5757 Datasheet HTML 6Page - Analog Devices AD5757 Datasheet HTML 7Page - Analog Devices AD5757 Datasheet HTML 8Page - Analog Devices AD5757 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Preliminary Technical Data
AD5757/AD5737
Rev. PrD | Page 3 of 31
SPECIFICATIONS
AVDD = 15V, AVSS = 0V/-15 V, VBOOSTA,B,C,D = +10.8 V to +33 V, DVDD = AVCC = 2.7 V to 5.5 V, DCDC disabled, AGND = DGND =
GNDSWA,B,C,D = 0 V, REFIN= +5, VOUT : RL = 1kΩ, CL = 220pF, IOUT : RL = 300Ω, all specifications TMIN to TMAX unless otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT OUTPUT
Output Current Ranges
0
24
mA
0
20
mA
4
20
mA
Resolution
16
Bits
AD5757
12
Bits
AD5737
ACCURACY (External RSet)
Total Unadjusted Error (TUE)
−0.05
+0.05
% FSR
−0.02
TBD
+0.02
% FSR
TA = 25°C
TUE TC2
−TBD
±TB
D
+TBD
ppm
Relative Accuracy (INL)
−0.006
+0.006
% FSR
AD5757
−0.025
+0.025
% FSR
AD5737
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Offset Error
−0.035
+0.035
% FSR
−TBD
TBD
+TBD
% FSR
TA = 25°C
Offset Error Drift2
±TB
D
ppm FSR/°C
Gain Error
−0.02
+0.02
% FSR
−TBD
TBD
+TBD
% FSR
TA = 25°C
Gain TC2
−TBD
+TBD
ppm FSR/°C
Full-Scale Error
−0.05
+0.05
% FSR
−TBD
TBD
+TBD
% FSR
TA = 25°C
Full-Scale TC2
−TBD
+TBD
ppm FSR/°C
ACCURACY (Internal RSet)
Total Unadjusted Error (TUE)
−0.12
+0.12
% FSR
−0.02
TBD
+0.02
% FSR
TA = 25°C
TUE TC2
−TBD
±TB
D
+TBD
ppm
Relative Accuracy (INL)
−0.006
+0.006
% FSR
AD5757
−0.025
+0.025
% FSR
AD5737
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Offset Error
−0.04
+0.04
% FSR
−TBD
TBD
+TBD
% FSR
TA = 25°C
Offset Error Drift2
±TB
D
ppm FSR/°C
Gain Error
−0.08
+0.08
% FSR
−TBD
TBD
+TBD
% FSR
TA = 25°C
Gain TC2
−TBD
+TBD
ppm FSR/°C
Full-Scale Error
−0.12
+0.12
% FSR
−TBD
TBD
+TBD
% FSR
TA = 25°C
Full-Scale TC2
−TBD
+TBD
ppm FSR/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com