Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5757 Datasheet HTML 18Page - Analog Devices AD5757 Datasheet HTML 19Page - Analog Devices AD5757 Datasheet HTML 20Page - Analog Devices AD5757 Datasheet HTML 21Page - Analog Devices AD5757 Datasheet HTML 22Page - Analog Devices AD5757 Datasheet HTML 23Page - Analog Devices AD5757 Datasheet HTML 24Page - Analog Devices AD5757 Datasheet HTML 25Page - Analog Devices AD5757 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
AD5757/AD5737
Preliminary Technical Data
Rev. PrD | Page 22 of 31
DC-DC CONTROL REGISTER
The DC-DC Control Register allows the user control over the DC-DC Switching Frequency, and of the phase of when the per channel
switching starts. The maximum allowable DC-DC output frequency is also programmable.
Table 30. Programming the DC-DC Control Register
MSB
LSB
D15
D14
D13
D12 to D7
D5 to D4
D3 to D2
D1 to D0
0
1
1
X
DC-DC Phase
DC-DC Freq
DC-DC MaxV
Table 31. DC-DC Control Register Options
Option
Description
DC-DC Phase
User Programmable DC-DC Phase (Between Channels)
00 = All DC-DCs clock on same edge
01 = ChanA, ChanB clock on same edge, ChanC & ChanD clock on opposite edge
10 = ChanA, ChanC clock on same edge, ChanB & ChanD on opposite edge
11 = ChanA,ChanB,ChanC, ChanD clock 90' out of phase from each other
DC-DC Freq
User Programmable DC-DC Switching Frequency:
00 = 250 Khz
01 = 406 Khz
10 = 649 Khz
11 = 812 Khz
DC-DCMaxV
Maximum allowed output Voltage of the DC-DC
00 = 25V ±1V
01 = 27.3 ±1V
10 = 28.6 ±1V
11 = 30 ±1V
SLEW RATE CONTROL REGISTER
This register is used to program the slew rate control for the selected DAC Channel. The CREG bits are set to ‘0,0,0’ to select the Slew
Rate Control Register. SR_CLOCK and SR_STEP allow the user to control the rate of the output SLEW. With the slew rate control feature
disabled the output value will change at a rate limited by the output drive circuitry and the attached load. SE enables output slew rate
control. It can be both programmed and enabled/disabled on a per channel basis. For more information see the features section.
Table 32. Programming the Slew Rate Control Register
D15
D14
D13
D12
D11-D7
D6 to D3
D2 to D0
0
0
0
SE
X
SR_CLOCK
SR_STEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com