Electronic Components Datasheet Search
  English  ▼

X  

ADF7242BCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 28Page - Analog Devices ADF7242BCPZ Datasheet HTML 29Page - Analog Devices ADF7242BCPZ Datasheet HTML 30Page - Analog Devices ADF7242BCPZ Datasheet HTML 31Page - Analog Devices ADF7242BCPZ Datasheet HTML 32Page - Analog Devices ADF7242BCPZ Datasheet HTML 33Page - Analog Devices ADF7242BCPZ Datasheet HTML 34Page - Analog Devices ADF7242BCPZ Datasheet HTML 35Page - Analog Devices ADF7242BCPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
ADF7242
Rev. 0 | Page 32 of 108
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
2400
2410
2420
2430
2440
2450
2460
2470
2480
RF CARRIER FREQUENCY (MHz)
3.6V, +25°C
1.8V, +25°C
3.6V, –40°C
1.8V, –40°C
3.6V, +85°C
1.8V, +85°C
Figure 57. 2 Mbps GFSK (fDEV = ±500 kHz) Mode Transmitter Phase Error vs.
Temperature, VDD_BAT, and Channels, 1 MHz Channel Step,
Output Power = 3 dBm
26.0
25.5
25.0
24.5
24.0
23.5
23.0
22.5
22.0
2400
2410
2420
2430
2440
2450
2460
2470
2480
RF CARRIER FREQUENCY (MHz)
3.6V, +25°C
1.8V, +25°C
3.6V, –40°C
1.8V, –40°C
3.6V, +85°C
1.8V, +85°C
Figure 58. 2 Mbps GFSK (fDEV = ±500 kHz) Mode Transmitter MER vs.
Temperature, VDD_BAT, and Channels, 1 MHz Channel Step,
Output Power = 3 dBm
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
2400
2410
2420
2430
2440
2450
2460
2470
2480
RF CARRIER FREQUENCY (MHz)
3.6V, +25°C
1.8V, +25°C
3.6V, –40°C
1.8V, –40°C
3.6V, +85°C
1.8V, +85°C
Figure 59. 1 Mbps GFSK (fDEV = ±250 kHz) Mode Transmitter Phase Error vs.
Temperature, VDD_BAT, and Channels, 1 MHz Channel Step,
Output Power = 3 dBm
5.5
5.0
4.5
4.0
3.5
3.0
2400
2410
2420
2430
2440
2450
2460
2470
2480
RF CARRIER FREQUENCY (MHz)
3.6V, +25°C
1.8V, +25°C
3.6V, –40°C
1.8V, –40°C
3.6V, +85°C
1.8V, +85°C
Figure 60. 500 kbps GFSK (fDEV = ±250 kHz) Mode Transmitter Phase Error vs.
Temperature, VDD_BAT, and Channels, 1 MHz Channel Step,
Output Power = 3 dBm
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
2400
2410
2420
2430
2440
2450
2460
2470
2480
RF CARRIER FREQUENCY (MHz)
3.6V, +25°C
1.8V, +25°C
3.6V, –40°C
1.8V, –40°C
3.6V, +85°C
1.8V, +85°C
Figure 61. 250 kbps GFSK (fDEV = ±250 kHz) Mode Transmitter Phase Error vs.
Temperature, VDD_BAT, and Channels, 1 MHz Channel Step,
Output Power = 3 dBm
5.5
5.0
4.5
4.0
3.5
3.0
2400
2410
2420
2430
2440
2450
2460
2470
2480
RF CARRIER FREQUENCY (MHz)
3.6V, +25°C
1.8V, +25°C
3.6V, –40°C
1.8V, –40°C
3.6V, +85°C
1.8V, +85°C
Figure 62. 125 kbps FSK (fDEV = ±60 kHz) Mode Transmitter Phase Error vs.
Temperature, VDD_BAT, and Channels, 1 MHz Channel Step,
Output Power = 3 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com