Electronic Components Datasheet Search
  English  ▼

X  

ADF7242BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 19Page - Analog Devices ADF7242BCPZ Datasheet HTML 20Page - Analog Devices ADF7242BCPZ Datasheet HTML 21Page - Analog Devices ADF7242BCPZ Datasheet HTML 22Page - Analog Devices ADF7242BCPZ Datasheet HTML 23Page - Analog Devices ADF7242BCPZ Datasheet HTML 24Page - Analog Devices ADF7242BCPZ Datasheet HTML 25Page - Analog Devices ADF7242BCPZ Datasheet HTML 26Page - Analog Devices ADF7242BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
ADF7242
Rev. 0 | Page 23 of 108
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24 CS
23 MOSI
22 SCLK
21 MISO
20 IRQ1_GP4
19 TRCLK_CKO_GP3
18 IRQ2_TRFS_GP2
NOTES
1. THE EXPOSED PADDLE MUST BE CONNECTED
TO GROUND.
17 DT_GP1
1
2
3
4
5
6
7
8
CREGRF1
RBIAS
CREGRF2
RFIO1P
RFIO1N
RFIO2P
RFIO2N
CREGRF3
ADF7242
TOP VIEW
(Not to Scale)
Figure 14. Pin Configuration
Table 20. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CREGRF1
Regulated Supply Terminal for RF Section. Connect a 220 nF decoupling capacitor from this pin to
GND.
2
RBIAS
Bias Resistor 27 kΩ to Ground.
3
CREGRF2
Regulated Supply for RF Section. Connect a 100 pF decoupling capacitor to ground.
4
RFIO1P
Differential RF Input Port 1 (Positive Terminal). A 10 nF coupling capacitor is required.
5
RFIO1N
Differential RF Input Port 1 (Negative Terminal). A 10 nF coupling capacitor is required.
6
RFIO2P
Differential RF Input/Output Port 2 (Positive Terminal). A 10 nF coupling capacitor required.
7
RFIO2N
Differential RF Input/Output Port 2 (Negative Terminal). A 10 nF coupling capacitor required.
8
CREGRF3
Regulated Supply for RF Section. Connect a 100 pF decoupling capacitor from this pin to GND.
9
CREGVCO
Regulated Supply for VCO Section. Connect a 220 nF decoupling capacitor from this pin to GND.
10
VCOGUARD
Guard Trench for VCO Section. Connect to Pin 9 (CREGVCO).
11
CREGSYNTH
Regulated Supply for PLL Section. Connect a 220 nF decoupling capacitor from this pin to GND.
12
XOSC26P
Terminal 1 of External Crystal and Loading Capacitor. This pin is no connect (NC) when an external
oscillator is used.
13
XOSC26N
Terminal 2 of External Crystal and Loading Capacitor. Input for external oscillator.
14
DGUARD
Guard Trench for Digital Section. Connect to Pin 15 (CREGDIG2).
15
CREGDIG2
Regulated Supply for Digital Section. Connect a 220 nF decoupling capacitor to ground.
16
DR_GP0
SPORT Receive Data Output/General-Purpose IO Port.
17
DT_GP1
SPORT Transmit Data Input/General-Purpose IO Port.
18
IRQ2_TRFS_GP2
Interrupt Request Output 2/Symbol Clock IEEE 802.15.4-2006 Mode/General-Purpose IO Port.
19
TRCLK_CKO_GP3
SPORT Clock Output/General-Purpose IO Port.
20
IRQ1_GP4
Interrupt Request Output1/General-Purpose IO Port.
21
MISO
SPI Interface Serial Data Output.
22
SCLK
SPI Interface Data Clock Input.
23
MOSI
SPI Interface Serial Data Input.
24
CS
SPI Interface Chip Select Input (and Wake-Up Signal).
25
TXEN_GP5
External PA Enable Signal/General-Purpose IO Port.
26
RXEN_GP6
External LNA Enable Signal/General-Purpose IO Port.
27
CREGDIG1
Regulated Supply for Digital Section. Connect a 1 nF decoupling capacitor from this pin to ground.
28
XOSC32KP_GP7_ATB1
Terminal 1 of 32 kHz Crystal Oscillator/General-Purpose IO Port/Analog Test Bus 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com