Electronic Components Datasheet Search
  English  ▼

X  

ADF7242BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 15Page - Analog Devices ADF7242BCPZ Datasheet HTML 16Page - Analog Devices ADF7242BCPZ Datasheet HTML 17Page - Analog Devices ADF7242BCPZ Datasheet HTML 18Page - Analog Devices ADF7242BCPZ Datasheet HTML 19Page - Analog Devices ADF7242BCPZ Datasheet HTML 20Page - Analog Devices ADF7242BCPZ Datasheet HTML 21Page - Analog Devices ADF7242BCPZ Datasheet HTML 22Page - Analog Devices ADF7242BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 108 page
background image
ADF7242
Rev. 0 | Page 19 of 108
RC_PHY_RDY
RC_RX
t29
t42
PREVIOUS STATE
RX
PHY_RDY
PREAMBLE
PAYLOAD
POST-
AMBLE
SYNC
WORD
tRX_MAC_DELAY
COMMAND
RC_STATUS
PACKET
COMPONENT
TRCLK_CKO_GP3
DR_GP0
IRQ2_TRFS_GP2
PACKET DATA
DATA INVALID
.....
.....
TRCLK_CKO_GP3
DR_GP0
IRQ2_TRFS_GP2
REGISTER gp_cfg, FIELD gpio_config = 1
DATA CLOCKED OUT ON FALLING EDGE
t32
t31
t30
TRCLK_CKO_GP3
DR_GP0
IRQ2_TRFS_GP2
REGISTER gp_cfg, FIELD gpio_config = 4
DATA CLOCKED OUT ON RISING EDGE
t32
t31
t30
Figure 10. GFSK/FSK RX SPORT Mode: CLK and Data Pins Active in RX, Without Gating by Frame Detection
TRCLK_CKO_GP3
DR_GP0
IRQ2_TRFS_GP2
t32
t38
t31
t30
TRCLK_CKO_GP3
DR_GP0
IRQ2_TRFS_GP2
t38
t32
t31
t30
RC_PHY_RDY
RC_RX
PREVIOUS STATE
RX
PHY_RDY
PREAMBLE
PAYLOAD
POST-
AMBLE
SYNC
WORD
tRX_MAC_DELAY
COMMAND
RC_STATUS
PACKET
COMPONENT
TRCLK_CKO_GP3
DR_GP0
IRQ2_TRFS_GP2
t29
PACKET DATA
DATA INVALID
.....
t41
t39
t40
.....
REGISTER gp_cfg, FIELD gpio_config = 2
DATA CLOCKED OUT ON FALLING EDGE
REGISTER gp_cfg, FIELD gpio_config = 5
DATA CLOCKED OUT ON RISING EDGE
Figure 11. GFSK/FSK RX SPORT Mode: SCLK and Data Pin Activity Gated By Preamble Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com