Electronic Components Datasheet Search
  English  ▼

X  

ADF7242BCPZ Datasheet(PDF) 88 Page - Analog Devices

Part # ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Datasheet(HTML) 88 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 84Page - Analog Devices ADF7242BCPZ Datasheet HTML 85Page - Analog Devices ADF7242BCPZ Datasheet HTML 86Page - Analog Devices ADF7242BCPZ Datasheet HTML 87Page - Analog Devices ADF7242BCPZ Datasheet HTML 88Page - Analog Devices ADF7242BCPZ Datasheet HTML 89Page - Analog Devices ADF7242BCPZ Datasheet HTML 90Page - Analog Devices ADF7242BCPZ Datasheet HTML 91Page - Analog Devices ADF7242BCPZ Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 108 page
background image
ADF7242
Rev. 0 | Page 88 of 108
Address
Register Name
Access Mode
Description
0x381
vco_idac_rb
R
Readback of the VCO bias current DAC after calibration
0x389
iirf_cfg
R/W
BB filter decimation rate
0x38B
dm_cfg1
R/W
Postdemodulator filter bandwidth
0x395
rxcal0
R/W
Receiver baseband filter calibration word, LSB
0x396
rxcal1
R/W
Receiver baseband filter calibration word, MSB
0x39B
rxfe_cfg
R/W
Receive baseband filter bandwidth and LNA selection
0x3A7
pa_rr
R/W
PA ramp rate
0x3A8
pa_cfg
R/W
PA output stage current control
0x3A9
extpa_cfg
R/W
External PA bias DAC configuration
0x3AA
extpa_msc
R/W
External PA interface circuit configuration
0x3AE
adc_rbk
R
ADC readback
0x3B2
agc_cfg1
R/W
AGC configuration parameters
0x3B4
agc_max
R/W
AGC configuration parameters
0x3B6
agc_cfg2
R/W
AGC configuration parameters
0x3B7
agc_cfg3
R/W
AGC configuration parameters
0x3B8
agc_cfg4
R/W
AGC configuration parameters
0x3B9
agc_cfg5
R/W
AGC configuration parameters
0x3BA
agc_cfg6
R/W
AGC configuration parameters
0x3BC
agc_cfg7
R/W
AGC configuration parameters
0x3BF
ocl_cfg0
R/W
OCL system parameters
0x3C4
ocl_cfg1
R/W
OCL system parameters
0x3C7
irq1_en0
R/W
Interrupt Mask Set Bits[7:0] of [15:0] for IRQ1
0x3C8
irq1_en1
R/W
Interrupt Mask Set Bits[15:8] of [15:0] for IRQ1
0x3C9
irq2_en0
R/W
Interrupt Mask Set Bits[7:0] of [15:0] for IRQ2
0x3CA
irq2_en1
R/W
Interrupt Mask Set Bits[15:8] of [15:0] for IRQ2
0x3CB
irq1_src0
R/W
Interrupt Source Bits[7:0] of [15:0] for IRQ
0x3CC
irq1_src1
R/W
Interrupt Source Bits[15:8] of [15:0] for IRQ
0x3D2
ocl_bw0
R/W
OCL system parameters
0x3D3
ocl_bw1
R/W
OCL system parameters
0x3D4
ocl_bw2
R/W
OCL system parameters
0x3D5
ocl_bw3
R/W
OCL system parameters
0x3D6
ocl_bw4
R/W
OCL system parameters
0x3D7
ocl_bws
R/W
OCL system parameters
0x3E0
ocl_cfg13
R/W
OCL system parameters
0x3E3
gp_drv
R/W
GPIO and SPI I/O pads drive strength configuration
0x3E6
bm_cfg
R/W
Battery monitor threshold voltage setting
0x3F0
tx_fsk_test
R/W
TX GFSK/FSK SPORT test mode configuration
0x3F3
preamble_num_validate
R/W
Preamble validation
0x3F4
sfd_15_4
R/W
Option to set nonstandard SFD
0x3F7
afc_cfg
R/W
AFC mode and polarity configuration
0x3F8
afc_ki_kp
R/W
AFC ki and kp
0x3F9
afc_range
R/W
AFC range
0x3FA
afc_read
R/W
AFC frequency error readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com