Electronic Components Datasheet Search
  English  ▼

X  

ADF7242BCPZ Datasheet(PDF) 62 Page - Analog Devices

Part # ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Datasheet(HTML) 62 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 58Page - Analog Devices ADF7242BCPZ Datasheet HTML 59Page - Analog Devices ADF7242BCPZ Datasheet HTML 60Page - Analog Devices ADF7242BCPZ Datasheet HTML 61Page - Analog Devices ADF7242BCPZ Datasheet HTML 62Page - Analog Devices ADF7242BCPZ Datasheet HTML 63Page - Analog Devices ADF7242BCPZ Datasheet HTML 64Page - Analog Devices ADF7242BCPZ Datasheet HTML 65Page - Analog Devices ADF7242BCPZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
ADF7242
Rev. 0 | Page 62 of 108
Automatic Gain Control (AGC) and Receive Signal
Strength Indicator (RSSI)
The ADF7242 AGC circuit features fast overload recovery using
dynamic bandwidth adjustments for fast preamble acquisition
and optimum utilization of the dynamic range of the receiver path.
The radio controller automatically enables the AGC after an
offset correction phase, which is carried out when the trans-
ceiver enters the RX state. The optimum AGC configuration
parameters depend on the selected data rate, the modulation
format, and the configuration of the receiver offset correction
loop. The recommended settings for the AGC configuration
registers based on the modulation parameters, shown in Table 22,
are given in the Device Configuration section.
In GFSK/FSK mode, it is possible to lock the AGC and prevent
further gain updates after the reception of the preamble using
Register fsk_preamble_config, Field fsk_agc_lock_after_
preamble.
The RSSI readback value is continuously updated while the
ADF7242 is in the RX state. The result is provided in Register
rrb, Field rssi_readback (0x30C[7:0]) in decibels relative to
1 mW (dBm) using signed twos complement notation. The
RSSI averaging window is synchronized with the start of the
active RX phase at the end of the MAC delay following an
RC_RX command. The RSSI averaging time is programmable
with Register agc_cfg5, Field rssi_avg_time (0x3B9[1:0]), and
depends on the AGC update rate according to the following
formula:
T_avg_rssi = 77 ns × 2α
where
α = 2 + (Register agc_cfg5, Field agc_filt2_tavg1) +(Register
agc_cfg6, Field agc_filt2_tavg2) + (Register agc_cfg5, Field
rssi_avg_time)
In IEEE 802.15.4-2006 mode, the default RSSI averaging period
of 128 μs, or eight symbol periods, must be used for compliance
with the IEEE 802.15.4-2006 standard. If the ADF7242 is
operating in the IEEE 802.15.4-2006 packet mode, the RSSI of
received frames is measured and stored together with the frame
in RX_BUFFER. The RSSI is measured in a window with a
length of eight symbols immediately following the detected
SFD. The result is then stored in place of the first byte of the
FCS of the received frame in RX_BUFFER. For GFSK/FSK
mode, the optimum RSSI averaging time is application dependent
and the default settings should be appropriate for most
applications.
It is also possible to compensate for systematic errors of the
measured RSSI value and/or production tolerances by adjusting
the RSSI readback value by an offset value that can be
programmed in Register agc_cfg5, Field rssi_offs (0x3B9[4:2]).
The adjustment resolution is in 1 dB steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com