Electronic Components Datasheet Search
  English  ▼

X  

ADF7242BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Datasheet(HTML) 1 Page - Analog Devices

  ADF7242BCPZ Datasheet HTML 1Page - Analog Devices ADF7242BCPZ Datasheet HTML 2Page - Analog Devices ADF7242BCPZ Datasheet HTML 3Page - Analog Devices ADF7242BCPZ Datasheet HTML 4Page - Analog Devices ADF7242BCPZ Datasheet HTML 5Page - Analog Devices ADF7242BCPZ Datasheet HTML 6Page - Analog Devices ADF7242BCPZ Datasheet HTML 7Page - Analog Devices ADF7242BCPZ Datasheet HTML 8Page - Analog Devices ADF7242BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
Low Power IEEE 802.15.4/Proprietary
GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
ADF7242
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Frequency range (global ISM band)
2400 MHz to 2483.5 MHz
Programmable data rates and modulation
IEEE 802.15.4-2006-compatible (250 kbps)
GFSK/FSK/GMSK/MSK modulation
50 kbps to 2000 kbps data rates
Low power consumption
19 mA (typical) in receive mode
21.5 mA (typical) in transmit mode (PO = 3 dBm)
1.7 μA, 32 kHz crystal oscillator wake-up mode
High sensitivity (IEEE 802.15.4-2006)
−95 dBm at 250 kbps
High sensitivity (0.1% BER)
−96 dBm at 62.5 kbps (GFSK)
−93 dBm at 500 kbps (GFSK)
−90 dBm at 1 Mbps (GFSK)
−87.5 dBm at 2 Mbps (GFSK)
Programmable output power
−20 dBm to +4.8 dBm in 2 dB steps
Integrated voltage regulators
1.8 V to 3.6 V input voltage range
Excellent receiver selectivity and blocking resilience
Zero-IF architecture
Complies with EN300 440 Class 2, EN300 328, FCC CFR47
Part 15, ARIB STD-T66
Digital RSSI measurement
Fast automatic VCO calibration
Automatic RF synthesizer bandwidth optimization
On-chip low power processor performs
Radio control
Packet management
Packet management support
Insertion/detection of preamble/SWD/CRC/address
IEEEE 802.15.4-2006 frame filtering
IEEEE 802.15.4-2006 CSMA/CA unslotted modes
Flexible 256-byte transmit/receive data buffer
IEEEE 802.15.4-2006 and GFSK/FSK SPORT modes
Fast settling automatic frequency control
Flexible multiple RF port interface
External PA/LNA support hardware
Switched antenna diversity support
Wake-up timer
Very few external components
Integrated PLL loop filter, receive/transmit switch, battery
monitor, temperature sensor, 32 kHz RC and crystal
oscillators
Flexible SPI control interface with block read/write access
Small form factor 5 mm × 5 mm 32-lead LFCSP package
APPLICATIONS
Wireless sensor networks
Automatic meter reading/smart metering
Industrial wireless control
Healthcare
Wireless audio/video
Consumer electronics
ZigBee
FUNCTIONAL BLOCK DIAGRAM
DAC
DAC
ADC
LNA1
ADC
LNA2
PA
4kB
PROGRAM
ROM
2kB
PROGRAM
RAM
256-BYTE
PACKET
RAM
64-BYTE
BBRAM
256-BYTE
MCR
GPIO
SPORT
IRQ
8-BIT
PROCESSOR
RADIO
CONTROLLER
PACKET
MANAGER
FSK
DEMOD
DSSS
DEMOD
AGC
OCL
AFC
CDR
SPI
WAKE-UP CTRL
GAUSSIAN FILTER
PRE-EMPHASIS FILTER
FRACTIONAL-N
RF SYNTHESIZER
LDO × 4
BIAS
BATTERY
MONITOR
TEMPERATURE
SENSOR
26MHz
OSC
32kHz
RC
OSC
32kHz
XTAL
OSC
ADF7242
Figure 1


Similar Part No. - ADF7242BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7241 AD-ADF7241 Datasheet
738Kb / 72P
Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
REV. 0
More results

Similar Description - ADF7242BCPZ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
IEEE 802.15.4??2.4 GHz RF Transceiver
2006
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
2010
logo
Analog Devices
ADF7241 AD-ADF7241 Datasheet
738Kb / 72P
Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Texas Instruments
MRF24XA TI1-MRF24XA Datasheet
3Mb / 250P
Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA Datasheet
2Mb / 258P
Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com