Electronic Components Datasheet Search
  English  ▼

X  

ADF7242BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 8Page - Analog Devices ADF7242BCPZ Datasheet HTML 9Page - Analog Devices ADF7242BCPZ Datasheet HTML 10Page - Analog Devices ADF7242BCPZ Datasheet HTML 11Page - Analog Devices ADF7242BCPZ Datasheet HTML 12Page - Analog Devices ADF7242BCPZ Datasheet HTML 13Page - Analog Devices ADF7242BCPZ Datasheet HTML 14Page - Analog Devices ADF7242BCPZ Datasheet HTML 15Page - Analog Devices ADF7242BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
ADF7242
Rev. 0 | Page 12 of 108
Parameter
Min
Typ
Max
Unit
Test Conditions
TEMPERATURE SENSOR
Range
−40
+85
°C
Resolution
4.7
°C
Accuracy
±6.4
°C
Average of 1000 ADC readbacks, after
using linear fitting, with correction at
known temperature
BATTERY MONITOR
Trigger Voltage
1.7
3.6
V
Trigger Voltage Step Size
62
mV
Start-Up Time
5
μs
Current Consumption
30
μA
EXTERNAL PA INTERFACE
RON, PAVSUP_ATB3 to VDD_BAT
5
Ω
extpa_bias_mode = 0, 1, 2, 5, 6
ROFF, PAVSUP_ATB3 to GND
10
MΩ
extpa_bias_mode = 3, 4, power-down
ROFF, PABIASOP_ATB4 to GND
10
MΩ
extpa_bias_mode = 0, power-down
PABIASOP_ATB4 Source Current, Maximum
80
μA
expta_bias_mode = 1, 3
PABIASOP_ATB4 Sink Current, Minimum
−80
μA
extpa_bias_mode = 2, 4
PABIASOP_ATB4 Current Control Resolution
6
Bits
extpa_bias_mode = 1, 2, 3, 4, 5
PABIASOP_ATB4 Compliance Voltage
150
mV
extpa_bias_mode = 2, 4
PABIASOP_ATB4 Compliance Voltage
3.45
V
extpa_bias_mode = 1, 3
Servo Loop Bias Current
22
mA
extpa_bias_mode = 5, 6
Servo Loop Bias Current Control Step
0.349
mA
extpa_bias_mode = 5, 6
CURRENT CONSUMPTION SPECIFICATIONS
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions
CURRENT CONSUMPTION
TX Mode Current Consumption
−20 dBm
16.5
mA
IEEE 802.15.4-2006 continuous packet transmission mode
−10 dBm
17.4
mA
IEEE 802.15.4-2006 continuous packet transmission mode
0 dBm
19.6
mA
IEEE 802.15.4-2006 continuous packet transmission mode
+3 dBm
21.5
mA
IEEE 802.15.4-2006 continuous packet transmission mode
+4 dBm
25
mA
IEEE 802.15.4-2006 continuous packet transmission mode
Idle Mode
1.8
mA
XTO26M + digital active
PHY_RDY Mode
10
mA
RX Mode Current Consumption
19
mA
IEEE 802.15.4-2006 packet mode
MEAS State
3
mA
SLEEP_BBRAM
0.3
μA
BBRAM contents retained
SLEEP_BBRAM_RCO
1
μA
32 kHz RC oscillator running, some BBRAM contents
retained, wake-up time enabled
SLEEP_BBRAM_XTO
1.7
μA
32 kHz crystal oscillator running, some BBRAM contents
retained, wake-up time enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com