Electronic Components Datasheet Search
  English  ▼

X  

ADF7242BCPZ Datasheet(PDF) 73 Page - Analog Devices

Part # ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Datasheet(HTML) 73 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 69Page - Analog Devices ADF7242BCPZ Datasheet HTML 70Page - Analog Devices ADF7242BCPZ Datasheet HTML 71Page - Analog Devices ADF7242BCPZ Datasheet HTML 72Page - Analog Devices ADF7242BCPZ Datasheet HTML 73Page - Analog Devices ADF7242BCPZ Datasheet HTML 74Page - Analog Devices ADF7242BCPZ Datasheet HTML 75Page - Analog Devices ADF7242BCPZ Datasheet HTML 76Page - Analog Devices ADF7242BCPZ Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
ADF7242
Rev. 0 | Page 73 of 108
Table 45. Command List
Command
Code
Description
SPI_NOP
0xFF
No operation. Use for dummy writes.
SPI_PKT_WR
0x10
Write data to the packet RAM starting from the transmit packet base address pointer,
Register txpb, Field tx_pkt_base (0x314[7:0]).
SPI_PKT_RD
0x30
Read data from the packet RAM starting from the receive packet base address pointer,
Register rxpb, Field rx_pkt_base (0x315[7:0]).
SPI_MEM_WR
0x18 + memory address[10:8]
Write data to MCR or packet RAM sequentially.
SPI_MEM_RD
0x38 + memory address[10:8]
Read data from MCR or packet RAM sequentially.
SPI_MEMR_WR
0x08 + memory address[10:8]
Write data to MCR or packet RAM as a random block.
SPI_MEMR_RD
0x28 + memory address[10:8]
Read data from MCR or packet RAM as a random block.
SPI_PRAM_WR
0x1E
Write data to the program RAM.
RC_SLEEP
0xB1
Invoke transition of the radio controller into the sleep state
RC_IDLE
0xB2
Invoke transition of the radio controller into the idle state
RC_PHY_RDY
0xB3
Invoke transition of the radio controller into the PHY_RDY state
RC_RX
0xB4
Invoke transition of the radio controller into the RX state
RC_TX
0xB5
Invoke transition of the radio controller into the TX state
RC_MEAS
0xB6
Invoke transition of the radio controller into the MEAS state
RC_CCA
0xB7
Invoke clear channel assessment
RC_PC_RESET
0xC7
Program counter reset. This should only be used after a firmware download to the
program RAM
RC_RESET
0xC8
Resets the ADF7242 and puts it in the sleep state
Table 46. SPI Status Word
Bit
Name
Description
7
SPI_READY
0: SPI is not ready for access.
1: SPI is ready for access.
6
IRQ_STATUS
0: no pending interrupt condition.
1: pending interrupt condition. (IRQ_STATUS = 1 when either the IRQ1_GP4 or
IRQ2_TRFS_GP2 pin is high)
5
RC_READY
0: radio controller is not ready to accept RC_xx command strobe.
1: radio controller is ready to accept new RC_xx command strobe.
4
CCA_RESULT
0: channel busy.
1: channel idle.
Valid when Register irq_src1, Bit cca_complete (0x3CC[0]) is asserted.
[3:0]
RC_STATUS
Radio controller status:
0: reserved.
1: idle.
2: MEAS.
3: PHY_RDY.
4: RX.
5: TX.
6 to 15: reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com