Electronic Components Datasheet Search
  English  ▼

X  

ADF7242BCPZ Datasheet(PDF) 49 Page - Analog Devices

Part # ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 45Page - Analog Devices ADF7242BCPZ Datasheet HTML 46Page - Analog Devices ADF7242BCPZ Datasheet HTML 47Page - Analog Devices ADF7242BCPZ Datasheet HTML 48Page - Analog Devices ADF7242BCPZ Datasheet HTML 49Page - Analog Devices ADF7242BCPZ Datasheet HTML 50Page - Analog Devices ADF7242BCPZ Datasheet HTML 51Page - Analog Devices ADF7242BCPZ Datasheet HTML 52Page - Analog Devices ADF7242BCPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
ADF7242
Rev. 0 | Page 49 of 108
RECEIVER CALIBRATION
The receive path is calibrated each time an RC_RX command is
issued. Figure 84 outlines the synthesizer and receive path
calibration sequence and timing for the IEEE 802.15.4-2006
mode of operation. The calibration step VCO_cal is omitted by
setting Register vco_cal_cfg, Field skip_vco_cal = 15 (0x36F[3:0]),
which is an option if the value of ch_freq[23:0] remains
unchanged during transitions between the PHY_RDY, RX, and
TX states. The synthesizer settling phase is always required
because the PLL bandwidth is optimized differently for RX and
TX operation. The static offset correction phase (OCL_stat) and
dynamic offset correction phase (OCL_dyn) are also mandatory.
12
1
0 TO 20
n
2
12
1
0 TO 20
n
1
1
REGISTER txpb, FIELD rx_pkt_base
+ 5 + (0 to 20) + n
REGISTER txpb, FIELD rx_pkt_base
+ 5 + (0 to 20) + n
FRAME
PAYLOAD
ADDRESS
INFORMA-
TION
FRAME
PAYLOAD
ADDRESS
INFORMA-
TION
REGISTER rxpb, FIELD rx_pkt_base
REGISTER rxpb, FIELD rx_pkt_base
REGISTER pkt_cfg, FIELD auto_fcs_off = 1
REGISTER pkt_cfg, FIELD auto_fcs_off = 0
Figure 83. IEEE 802.15.4-2006 Packet Fields Stored by the Packet Manager in RX_BUFFER
rx_mac_delay
mac_delay_ext
INIT
SYNTH
SETTLING
OCL
DYNAMIC
OCL
STATIC
VCO_cal
18µs
52µs
53µs
10µs
55µs
188µs
192µs
0µs TO 1020µs
SKIPPED IF
REGISTER vco_cal_cfg,
FIELD skip_vco_cal = 15
Figure 84. RX Path Calibration, IEEE 802.15.4-2006 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com