Electronic Components Datasheet Search
  English  ▼

X  

ADF7242BCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 7Page - Analog Devices ADF7242BCPZ Datasheet HTML 8Page - Analog Devices ADF7242BCPZ Datasheet HTML 9Page - Analog Devices ADF7242BCPZ Datasheet HTML 10Page - Analog Devices ADF7242BCPZ Datasheet HTML 11Page - Analog Devices ADF7242BCPZ Datasheet HTML 12Page - Analog Devices ADF7242BCPZ Datasheet HTML 13Page - Analog Devices ADF7242BCPZ Datasheet HTML 14Page - Analog Devices ADF7242BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
ADF7242
Rev. 0 | Page 11 of 108
Parameter
Min
Typ
Max
Unit
Test Conditions
Modulated Blocking Rejection
(2000 kbps (fDEV = ±500 kHz) GFSK
Packet Mode)
PRF,IN = PRF,IN,MIN, 125 kbps + 3 dB
±2 MHz
52.5
dB
±5 MHz
60
dB
±12 MHz
64.5
dB
±20 MHz
68.5
dB
±32 MHz
71
dB
Co-Channel Rejection
−13
dB
2000 kbps (fDEV = ±500 kHz) GFSK packet mode,
PRF,IN = PRF,IN,MIN, 2 Mbps + 10 dB, modulated blocker
−9
dB
250 kbps (fDEV = ±130 kHz) GFSK packet mode,
PRF,IN = PRF,IN,MIN, 250 kbps + 10 dB, modulated blocker
Receiver Channel Bandwidth
Minimum Channel 3 dB Bandwidth
Analog Filter
1110
kHz
Two-sided bandwidth
Analog and Digital Filter Cascade
520
kHz
Two-sided bandwidth
Maximum Channel 3 dB Bandwidth
2252
kHz
Two-sided bandwidth
Frequency Error Tolerance, 2000 kbps
(fDEV = ±500 kHz) GFSK Packet Mode
AFC Off
±55
kHz
AFC On
±165
kHz
AFC pull-in range = ±80 kHz
Frequency Error Tolerance, 500 kbps
(fDEV = ±250 kHz) FSK Packet Mode
AFC Off
±90
kHz
AFC On
±190
kHz
AFC pull-in range = ±80 kHz
RSSI, 2000 kbps (fDEV = ±500 kHz) GFSK
Mode
Accuracy
±3
dBm
Minimum Sensitivity, Packet Mode
−84.5
dBm
Minimum Sensitivity, SPORT Mode
−87.5
dBm
SPORT mode with no preamble or SWD detection
RSSI, 500 kbps (fDEV = ±250 kHz) GFSK Mode
Accuracy
±3
dBm
Minimum Sensitivity, Packet Mode
−92
dBm
Minimum Sensitivity, SPORT Mode
−93
dBm
SPORT mode with no preamble or SWD detection
AUXILIARY SPECIFICATIONS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions
32 kHz RC OSCILLATOR
Frequency
32.768
kHz
After calibration
Frequency Accuracy
1
%
After calibration at 25°C
Frequency Drift
Temperature Coefficient
0.14
%/°C
Voltage Coefficient
4
%/V
Calibration Time
1
ms
32 kHz CRYSTAL OSCILLATOR
Frequency
32.768
kHz
Maximum ESR
319.8
kΩ
10 pF on XOSC32KP and XOSC32KN
Start-Up Time
2000
ms
12.5pF load capacitors on XOSC32KP and
XOSC32KN
WAKE-UP TIMER
Prescaler Tick Period
0.0305
20,000
ms
Wake-Up Period
61 × 10−6
1.31 × 105
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com