Electronic Components Datasheet Search
  English  ▼

X  

IR3523MPBF Datasheet(PDF) 16 Page - International Rectifier

Part # IR3523MPBF
Description  XPHASE3TM DUAL OUTPUT CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3523MPBF Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3523MPBF Datasheet HTML 12Page - International Rectifier IR3523MPBF Datasheet HTML 13Page - International Rectifier IR3523MPBF Datasheet HTML 14Page - International Rectifier IR3523MPBF Datasheet HTML 15Page - International Rectifier IR3523MPBF Datasheet HTML 16Page - International Rectifier IR3523MPBF Datasheet HTML 17Page - International Rectifier IR3523MPBF Datasheet HTML 18Page - International Rectifier IR3523MPBF Datasheet HTML 19Page - International Rectifier IR3523MPBF Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
IR3523
Page 16 of 37
June 20, 2008
Output 1 (Vtt) Adaptive Voltage Positioning
Adaptive Voltage Positioning is needed to reduce the output voltage deviations during load transients and the power
dissipation of the load at heavy load. IR3523 only provides AVP on output1. The circuitry related to the voltage
positioning is shown in Figure 9. Resistor RFB1 is connected between the error amplifier’s inverting input pin FB1
and the remote sense differential amplifier output. An internal current source whose value is programmed by the
same external resistor that programs the oscillator frequency sinks current from the FB1 pin. The error amplifier
forces the converter’s output voltage higher to maintain a balance at its inputs. RFB1 is selected to program the
desired amount of fixed offset voltage above the DAC voltage.
The VDRP1 pin voltage is a buffered reproduction of the IIN1 pin which is connected to the current share bus
ISHARE. The voltage on ISHARE represents the system average inductor current information. At each phase IC, an
RC network across the inductor provides current information which is gained up 32.5X and then added to the
VDACX voltage. This phase current information is provided on the ISHARE bus via a 3K resistor in the phase ICs.
The VDRP1 pin is connected to the FB1 pin through the resistor RDRP1. Since the error amplifier will force the loop
to maintain FB1 to be equal to the VDAC1 reference voltage, an additional current will flow into the FB1 pin equal to
(VDRP1-VDAC1) / RDRP1. When the load current increases, the adaptive positioning voltage increases accordingly.
More current flows through the feedback resistor RFB1, and makes the output voltage lower proportional to the load
current. The positioning voltage can be programmed by the resistor RDRP1 so that the droop impedance produces
the desired converter output impedance. The offset and slope of the converter output impedance are referenced to
VDAC1 and therefore independent of the VDAC1 voltage.
VOSEN1-
CSIN-
CSIN+
IIN1
CSIN-
EAOUT1
ISHARE
VDRP1
Phase IC
Phase IC
ISHARE
VOUT1
RFB1
Current Sense
Amplifier
3k
3k
RDRP1
+
-
VDAC
VDAC
Remote
Sense
Amplifier
VDAC1
VDAC1
FB1
IFB
Current Sense
Amplifier
Error
Amplifier
VDRP
Amplifier
Control IC
VOSEN1+
CSIN+
Figure 9 - Adaptive voltage positioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com