Electronic Components Datasheet Search
  English  ▼

X  

IR3523MPBF Datasheet(PDF) 14 Page - International Rectifier

Part # IR3523MPBF
Description  XPHASE3TM DUAL OUTPUT CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3523MPBF Datasheet(HTML) 14 Page - International Rectifier

Back Button IR3523MPBF Datasheet HTML 10Page - International Rectifier IR3523MPBF Datasheet HTML 11Page - International Rectifier IR3523MPBF Datasheet HTML 12Page - International Rectifier IR3523MPBF Datasheet HTML 13Page - International Rectifier IR3523MPBF Datasheet HTML 14Page - International Rectifier IR3523MPBF Datasheet HTML 15Page - International Rectifier IR3523MPBF Datasheet HTML 16Page - International Rectifier IR3523MPBF Datasheet HTML 17Page - International Rectifier IR3523MPBF Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
IR3523
Page 14 of 37
June 20, 2008
Figure 8 - Inductor Current Sensing and Current Sense Amplifier
The advantage of sensing the inductor current versus high side or low side sensing is that actual output current
being delivered to the load is obtained rather than peak or sampled information about the switch currents. The
output voltage can be positioned to meet a load line based on real time information. Except for a sense resistor in
series with the inductor, this is the only sense method that can support a single cycle transient response. Other
methods provide no information during either load increase (low side sensing) or load decrease (high side sensing).
An additional problem associated with peak or valley current mode control for voltage positioning is that they suffer
from peak-to-average errors. These errors will show in many ways but one example is the effect of frequency
variation. If the frequency of a particular unit is 10% low, the peak to peak inductor current will be 10% larger and
the output impedance of the converter will drop by about 10%. Variations in inductance, current sense amplifier
bandwidth, PWM prop delay, any added slope compensation, input voltage, and output voltage are all additional
sources of peak-to-average errors.
Current Sense Amplifier
A high speed differential current sense amplifier is located in the phase IC, as shown in Figure 8. Its gain is
nominally 34 at 25ºC, and the 3850 ppm/ºC increase in inductor DCR should be compensated in the voltage loop
feedback path.
The current sense amplifier can accept positive differential input up to 50mV and negative up to -10mV before
clipping. The output of the current sense amplifier is summed with the DAC voltage and sent to the control IC and
other phases through an on-chip 3K
resistor connected to the ISHARE pin. The ISHARE pins of all the phases are
tied together and the voltage on the share bus represents the average current through all the inductors and is used
by the control IC for voltage positioning and current limit protection.
Average Current Share Loop
Current sharing between phases of the converter is achieved by the average current share loop in each phase IC.
The output of the current sense amplifier is compared with average current at the share bus. If current in a phase is
smaller than the average current, the share adjust amplifier of the phase will pull down the starting point of the PWM
ramp thereby increasing its duty cycle and output current; if current in a phase is larger than the average current,
the share adjust amplifier of the phase will pull up the starting point of the PWM ramp thereby decreasing its duty
cycle and output current. The current share amplifier is internally compensated so that the crossover frequency of
the current share loop is much slower than that of the voltage loop and the two loops do not interact.
CO
L
RL
RCS
CCS
VO
Current
Sense Amp
CSOUT
iL
vL
vCS
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com