Electronic Components Datasheet Search
  English  ▼

X  

IR3523MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR3523MPBF
Description  XPHASE3TM DUAL OUTPUT CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3523MPBF Datasheet(HTML) 1 Page - International Rectifier

  IR3523MPBF Datasheet HTML 1Page - International Rectifier IR3523MPBF Datasheet HTML 2Page - International Rectifier IR3523MPBF Datasheet HTML 3Page - International Rectifier IR3523MPBF Datasheet HTML 4Page - International Rectifier IR3523MPBF Datasheet HTML 5Page - International Rectifier IR3523MPBF Datasheet HTML 6Page - International Rectifier IR3523MPBF Datasheet HTML 7Page - International Rectifier IR3523MPBF Datasheet HTML 8Page - International Rectifier IR3523MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
IR3523
Page 1 of 37
June 20, 2008
DATASHEET
XPHASE3TM
DUAL OUTPUT CONTROL IC
DESCRIPTION
The IR3523 Control IC provides a full featured and flexible way to implement a complete dual output DDR &
CPU VTT multiphase power solution for Intel VR11.1 motherboards. Each output interfaces with any number of
xPHASE3
TM Phase ICs each driving and monitoring a single phase. Output 1 includes a 3 bit VR11.x VID, 1.1V
boot voltage and droop to implement the CPU VTT rail which is typically 1 phase. Output 2 includes a 3 bit VID for
margining and supports any number of phases and DDR DIMM modules. The xPHASE3
TM architecture results in a
power supply that is smaller, less expensive, and easier to design while providing higher efficiency than
conventional approaches.
INDEPENDENT FEATURES FOR BOTH OUTPUT 1 & 2
•
Enable Input
•
Power Good (PG) Output
•
0.5% overall system set point accuracy
•
Programmable Softstart
•
High speed error amplifier with wide bandwidth of 30MHz and fast slew rate of 12V/us
•
Remote sense amplifier provides differential sensing and requires less than 50uA bias current
•
Programmable over current threshold triggers constant converter output current limit during start-up and
hiccup protection during normal operation
•
Over voltage condition communicated to phase ICs by IIN (ISHARE) and system by ROSC/OVP pins
•
Detection and protection of open remote sense lines
OUTPUT 1 ADDITIONAL FEATURES
•
3 bit Intel VR11.x VID (VID4, VID3, VID2)
•
Programmable VID offset
•
1.1 V Boot Voltage
•
Programmable output impedance
•
Programmable VID-on-the-Fly Slew Rate
OUTPUT 2 ADDITIONAL FEATURES
•
3 bit VID provides 1.5 V with ±150mV margining
•
Programmable VID-on-the-Fly Slew Rate
FEATURES SHARED BY BOTH OUTPUTS 1 & 2
•
Programmable per phase switching frequency of 250kHz to 1.5MHz
•
Daisy-chain digital phase timing provides accurate phase interleaving without external components
•
Gate Drive and IC bias linear regulator control with programmable output voltage and UVLO
•
Over voltage signal to system with over voltage detection during powerup and normal operation
ORDERING INFORMATION
Device
Package
Order Quantity
IR3523MTRPBF
40 Lead MLPQ (6 x 6 mm body)
3000 per reel
* IR3523MPBF
40 Lead MLPQ (6 x 6 mm body)
100 piece strips
* Samples only


Similar Part No. - IR3523MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35201 IRF-IR35201 Datasheet
1Mb / 60P
80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTRPBF IRF-IR35201MTRPBF Datasheet
1Mb / 60P
80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTYPBF IRF-IR35201MTYPBF Datasheet
1Mb / 60P
80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MxxyyTRP1 IRF-IR35201MxxyyTRP1 Datasheet
1Mb / 60P
80/71/62 Dual Output Digital Multi-Phase Controller
IR35203 IRF-IR35203 Datasheet
1Mb / 56P
61 Dual Output Digital Multi-Phase Controller
More results

Similar Description - IR3523MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3500 IRF-IR3500 Datasheet
754Kb / 47P
XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
XPHASE3TM CONTROL IC
IR3527 IRF-IR3527 Datasheet
2Mb / 20P
XPHASE3TM DUAL PHASE IC
IR3521 IRF-IR3521 Datasheet
480Kb / 45P
XPHASE3TM AMD SVID CONTROL IC
IR3502A IRF-IR3502A Datasheet
446Kb / 38P
XPHASE3TM CONTROL IC
IR3502 IRF-IR3502_09 Datasheet
1Mb / 39P
XPHASE3TM CONTROL IC
IR3513Z IRF-IR3513Z Datasheet
738Kb / 36P
XPHASE3TM POL CONTROL IC
IR3514 IRF-IR3514 Datasheet
438Kb / 1P
XPHASE3TM AMD HYBRID CONTROL IC
IR3522 IRF-IR3522 Datasheet
754Kb / 32P
XPHASE3TM DDR & VTT CONTROL IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com