| Electronic Components Datasheet Search |
|
IR3523MPBF Datasheet(PDF) 17 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR3523MPBF Datasheet(HTML) 17 Page - International Rectifier |
|
17 / 37 page ![]() IR3523 Page 17 of 37 June 20, 2008 Output1 Inductor DCR Temperature Compensation A negative temperature coefficient (NTC) thermistor can be used for Output1 inductor DCR temperature compensation. The thermistor should be placed close to the Output1 inductors and connected in parallel with the feedback resistor, as shown in Figure 10. The resistor in series with the thermistor is used to reduce the nonlinearity of the thermistor. EAOUT1 + - IIN1 VDAC1 IFB VDAC1 Control IC Error Amplifier RDRP1 VDRP Amplifier VDRP1 Rt RFB12 RFB11 FB1 VOSEN1+ VOUT1 VOSEN1- Remote Sense Amplifier Figure 10 - Temperature compensation of Output1 inductor DCR Remote Voltage Sensing VOSENX+ and VOSENX- are used for remote sensing and connected directly to the load. The remote sense differential amplifiers with high speed, low input offset, and low input bias current ensure accurate voltage sensing and fast transient response. Start-up Sequence The IR3523 has a programmable soft-start function to limit the surge current during the converter start-up. A capacitor connected between the SS/DELx and LGND pins controls soft start timing, over-current protection delay and hiccup mode timing. A charge current of 50uA and discharge currents of 47uA and 4.5uA control the up slope and down slope of the voltage at the SS/DEL pin respectively. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |