Electronic Components Datasheet Search
  English  ▼

X  

IR3523MPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3523MPBF
Description  XPHASE3TM DUAL OUTPUT CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3523MPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3523MPBF Datasheet HTML 5Page - International Rectifier IR3523MPBF Datasheet HTML 6Page - International Rectifier IR3523MPBF Datasheet HTML 7Page - International Rectifier IR3523MPBF Datasheet HTML 8Page - International Rectifier IR3523MPBF Datasheet HTML 9Page - International Rectifier IR3523MPBF Datasheet HTML 10Page - International Rectifier IR3523MPBF Datasheet HTML 11Page - International Rectifier IR3523MPBF Datasheet HTML 12Page - International Rectifier IR3523MPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
IR3523
Page 9 of 37
June 20, 2008
IR3523 block diagram
175k
VDAC2
UV2
SS/DEL1
175k
3.0V
VID1 SAMPLE AND
DELAY COMPARATOR
OV1
OV
UV2
SSCLF2
SSCLF1
+
-
DLY OUT1
VCCLDRV
SET
DOMINANT
50mV
+
-
OV1
250nS
BLANKING
DYNAMIC DOWN VID2
INTERNAL
VDAC
1.0V
VID2_2
VID2_1
OV1_2
VID2
VID3
VID2_0
VID0
VID1
VID2
VID3
UV1
VID INPUT
COMPARATORS
(1 of 3 SHOWN)
S
R
Q
INTERNAL
VDAC
DIGITAL TO
ANALOG
CONVERTERS
DYNAMIC DOWN VID1
1.0V
VID1_3
VID1_4
VID1_2
VID3
VID0
VID2
VID3
VID1
VID2
S
R
Q
ENABLE2
PG2
OV2
VBOOT
SSCLF2
PG2
OV1_2
275mV
315mV
VOUT2 UV
COMPARATOR
275mV
315mV
VOUT1 UV
COMPARATOR
SET
DOMINANT
UV CLEARED
FAULT LATCH1
25k
S
R
Q
OPEN DAISY
DIS
IDCHG
4.5uA
+
-
VDAC2
VOSEN2-
VOSEN2+
IIN2
OCSET2
FB2
EAOUT2
SS/DEL1
47uA
VCCL
IDCHG1
VCCL
+
-
3.9V
SS/DEL CLEARED
FAULT LATCH1
RESET
DOMINANT
POWER-UP
OK LATCH
DELAY
COMPARATOR
SET
DOMINANT
DISCHARGE
COMPARATOR
80mV
120mV
IVOSEN-
VIDSEL
0.2V
OC1 AFTER VRRDY
IROSC
DISABLE2
OPEN SENSE1
ICHG
50uA
OVER VOLTAGE
COMPARATOR
VDAC BUFFER
AMPLIFIER
ERROR
AMPLIFIER
FLT1
400k
(1.1V)
VDAC1
DLY OUT1
ISINK
ISOURCE
REMOTE SENSE
AMPLIFIER
IVOSEN2-
IVOSEN2+
200mV
0.4V
VCCL*0.9
1.4V
SOFT
START
CLAMP
DETECTION PULSE1
125mV
OC LIMIT
COMPARATOR
4 OPEN SENSE
LINE DETECT
COMPARATORS
60mV
VCCL RESET
IOCSET
OPEN SENSE LINE2
0.3V
VDAC1
+
-
IROSC
S
R
Q
47uA
+
-
IDCHG2
S
R
Q
Q
OPEN CONTROL2
PG1
400k
25k
OV
+
-
DIS
VCCL
+
-
DIS
25k
UV CLEARED
FAULT LATCH2
SET
DOMINANT
+
-
VCCL
25k
S
R
Q
DIS
PHSOUT
DYNAMIC VID1 DOWN
DETECT COMPARATOR
8 Pulse
Delay
IROSC
OPEN CONTROL
LOOP COMPARATOR
OPEN DAISY
PHSOUT
DLY OUT1
DIS
IDCHG
4.5uA
OC2 Bf VRRDY
VCCL UVLO
OV2
PHSOUT
CLKOUT
LGND
ROSC
PHSIN
CLKOUT
FAULT
PHSIN
IROSC
PHSOUT
VID0
ROSC BUFFER
AMPLIFIER
CURRENT
SOURCE
GENERATOR
OC1 Bf VRRDY
OPEN DAISY
CHAIN
0.6V
OC DELAY
COUTER
IROSC
DIS
reset
reset
PHSOUT
DIS
DIS
DIS
OC DELAY
COUTER
IROSC
DIS
DIS
PHSOUT
OV2
DLY OUT2
FAULT LATCH 1
DLY OUT2
S
R
Q
Q
0.86
DCHG1
DIS
VOUT2
VCCL UVLO
FLT2
DETECTION PULSE1
OV1
+
-
25k
SS/DEL2
+
-
+
-
PG1
VDRP1
VCCLDRV
VCCLFB
VCCL
ENABLE1
VOSEN1-
VOSEN1+
VOUT1
OCSET1
FB1
EAOUT1
VDAC1
IIN1
VCCL
VCCL
DISABLE1
IVOSEN-
VIDSEL
IROSC
IROSC
ERROR
AMPLIFIER
DELAY
COMPARATOR
SET
DOMINANT
TBS
SS/DEL CLEARED
FAULT LATCH2
FLT1
SAMPLE DELAY
1.65V
1.0V
ENABLE
COMPARATOR
VDAC BUFFER
AMPLIFIER
VCCL REGULATOR
AMPLIFIER
OVER
VOLTAGE
COMPARATOR
250nS
BLANKING
VCCL UVL
COMPARATOR
REMOTE SENSE
AMPLIFIER
VDRP
AMPLIFIER
0.94
1.2V
POWER-UP
OK LATCH
ISINK
ISOURCE
DIS
50mV
0.2V
DISCHARGE
COMPARATOR
80mV
120mV
RESET
DOMINANT
VIDSEL
VCCL*0.9
IVOSEN1-
IVOSEN1+
200mV
1.2V
0.4V
SOFT
START
CLAMP
IFB
OC LIMIT
COMPARATOR
1.4V
4 OPEN SENSE
LINE DETECT
COMPARATORS
60mV
125mV
FLT2
50uA
OPEN SENSE LINE1
OC2 AFTER VRRDY
DIS
DETECTION PULSE2
VDAC2
IOCSET
ICHG
0.3V
8 Pulse
Delay
VCCL RESET
INTERNAL
CIRCUIT
BIAS
+
-
25k
OV
DCHG2
ENABLE
COMPARATOR
+
-
1.65V
1.0V
OPEN SENSE2
OVLATCH
VCCL UVLO
25k
+
-
25k
OPEN CONTROL
LOOP COMPARATOR
VIDSEL
VCCL
S
R
Q
OPEN CONTROL1
OV2
VCCL
UV1
OV1
1.8V
DYNAMIC VID2 DOWN
DETECT COMPARATOR
SET
DOMINANT
DLY OUT2
VCCL - 1.2V
Figure 3 – IR3523 BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com