Electronic Components Datasheet Search
  English  ▼

X  

IR3523MPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR3523MPBF
Description  XPHASE3TM DUAL OUTPUT CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3523MPBF Datasheet(HTML) 5 Page - International Rectifier

  IR3523MPBF Datasheet HTML 1Page - International Rectifier IR3523MPBF Datasheet HTML 2Page - International Rectifier IR3523MPBF Datasheet HTML 3Page - International Rectifier IR3523MPBF Datasheet HTML 4Page - International Rectifier IR3523MPBF Datasheet HTML 5Page - International Rectifier IR3523MPBF Datasheet HTML 6Page - International Rectifier IR3523MPBF Datasheet HTML 7Page - International Rectifier IR3523MPBF Datasheet HTML 8Page - International Rectifier IR3523MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
IR3523
Page 5 of 37
June 20, 2008
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN
4.75V ≤ VCCL ≤ 7.5V, -0.3V ≤ VOSEN-x ≤ 0.3V, 0
oC ≤ TJ ≤ 100 oC, 7.75 k ≤ ROSC ≤ 50 k , CSS/DELx = 0.1uF
ELECTRICAL CHARACTERISTICS
The electrical characteristics involve the spread of values guaranteed within the recommended operating
conditions (unless otherwise specified). Typical values represent the median values, which are related to 25°C.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
System Set Point Accuracy
Deviation from Table 1 for Output
1 and deviation from Table 2 for
Output 2 per test circuit in Figure
4a and 4b, respectively
Output 2 and Output 1
Output 2 at 1.8V (only)
-0.5
-1.5
0.5
1.5
%
%
VIDx Interface
Increasing
0.85
.95
1.05
V
Decreasing (VID2_0 and VID2_1 Only)
550
650
750
mV
Input Thresholds
Hysteresis (VID2_0 and VID2_1 Only)
190
300
410
mV
Pull-Down Resistance
100
175
250
k
Oscillator
PHSOUT Frequency
-10%
See
Figure 2
+10%
kHz
ROSC Voltage
0.575
0.600
0.625
V
CLKOUT High Voltage
I(CLKOUT)= -10 mA, measure V(VCCL) –
V(CLKOUT).
1
V
CLKOUT Low Voltage
I(CLKOUT)= 10 mA
1
V
PHSOUT High Voltage
I(PHSOUT)= -1 mA, measure V(VCCL) –
V(PHSOUT)
1
V
PHSOUT Low Voltage
I(PHSOUT)= 1 mA
1
V
PHSIN Threshold Voltage
Compare to V(VCCL)
30
50
70
%
VDRP1 Buffer Amplifiers
Input Offset Voltage
V(VDRP) – V(IIN), 0.5V ≤ V(IIN) ≤ 3.3V
-8
0
8
mV
Source Current
0.5V ≤ V(IIN1) ≤ 3.3V
2
30
mA
Sink Current
0.5V ≤ V(IIN1) ≤ 3.3V
0.2
0.4
0.6
mA
Unity Gain Bandwidth
Note 1
8
MHz
Slew Rate
Note 1
4.7
V/µs
IIN Bias Current
-1
0
1
µA
Remote Sense Differential Amplifiers
Unity Gain Bandwidth
Note 1
3.0
6.4
9.0
MHz
Input Offset Voltage
0.5V≤ V(VOSENx+) - V(VOSENx-) ≤ 1.6V,
Note 2
-3
0
3
mV
Source Current
0.5V≤ V(VOSENx+) - V(VOSENx-) ≤ 1.6V
0.5
1
1.7
mA
Sink Current
0.5V≤ V(VOSENx+) - V(VOSENx-) ≤ 1.6V
2
12
18
mA
Slew Rate
0.5V≤ V(VOSENx+) - V(VOSENx-) ≤ 1.6V,
Note 1
2
4
8
V/us
VOSEN+ Bias Current
0.5 V < V(VOSENx+) < 1.6V
30
50
uA
VOSEN- Bias Current
-0.3V ≤ VOSENx- ≤ 0.3V, All VID Codes
30
50
uA
Low Voltage
V(VCCL) = 7V
250
mV
High Voltage
V(VCCL) – V(VOUTx)
0.5
1
V
VDAC1 & VDAC2 Outputs
Source Currents
Includes I(OCSET)
-8%
3000*Vrosc(
V)/
ROSC(k )
+8%
µA
Sink Currents
Includes I(OCSET)
-11%
1000*Vrosc
V)/
ROSC(k )
+11%
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com