Electronic Components Datasheet Search
  English  ▼

X  

IR3523MPBF Datasheet(PDF) 15 Page - International Rectifier

Part # IR3523MPBF
Description  XPHASE3TM DUAL OUTPUT CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3523MPBF Datasheet(HTML) 15 Page - International Rectifier

Back Button IR3523MPBF Datasheet HTML 11Page - International Rectifier IR3523MPBF Datasheet HTML 12Page - International Rectifier IR3523MPBF Datasheet HTML 13Page - International Rectifier IR3523MPBF Datasheet HTML 14Page - International Rectifier IR3523MPBF Datasheet HTML 15Page - International Rectifier IR3523MPBF Datasheet HTML 16Page - International Rectifier IR3523MPBF Datasheet HTML 17Page - International Rectifier IR3523MPBF Datasheet HTML 18Page - International Rectifier IR3523MPBF Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
IR3523
Page 15 of 37
June 20, 2008
IR3523 THEORY OF OPERATION
Block Diagram
The Block diagram of the IR3523 is shown in Figure 3, and specific features are discussed in the following sections.
All the features are described using one output but suitable for both unless otherwise specified.
VIDx Control
The IR3523 converter outputs are independently controlled by two three-bit input interfaces (see Table 1-2): VDAC1
(VOUT1) and VDAC2 (VOUT2). The VID codes are stored and then inputted to the Digital-to-Analog Converter
(DAC) whose output is sent to the VDAC buffer amplifier. The output of the buffer amplifier is the VDAC pin.
VDAC1 will initially boot to 1.1V when Vout1 is enabled then will transition to the stored VID1 value once SS/DEL1
reached 3.0 V. The VDAC voltage, input offsets of error amplifier and remote sense differential amplifier, are post-
package trimmed to provide 0.5% system set-point accuracy. The actual VDAC voltage does not determine the
system accuracy, which has a wider tolerance. The VID pins, VID2_x and VID1_x, require an external bias voltage
and should not be floated.
The IR3523 can accept changes in the VID code while operating and vary DAC voltage accordingly. The
sink/source capability of the VDAC buffer amplifier is programmed by the same external resistor that sets the
oscillator frequency. The slew rate of the voltage at the VDAC pins can be adjusted by the external capacitors
between VDAC pins and LGND pin. A resistor connected in series with this capacitor is required to compensate the
VDAC buffer amplifiers. The stepped VID transition results in a smooth analog transition of the VDAC voltage and
converter output voltage. This analog transition minimizes inrush currents in the input (and output) capacitors and
reduces overshoot of the output voltage.
VID1_4
VID1_3
VID1_2
VDAC1
0
0
0
1.200
0
0
1
1.175
0
1
0
1.150
0
1
1
1.125
1
0
0
1.100
1
0
1
1.075
1
1
0
1.050
1
1
1
1.025
Table 1: Output (1) 3-bit VID table
VID2_2
VID2_1
VID2_0
VDAC2
0
0
0
1.350
0
0
1
1.400
0
1
0
1.450
0
1
1
1.500
1
0
0
1.550
1
0
1
1.600
1
1
0
1.650
1
1
1
1.800
Table 2: Output (2) 3-bit VID table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com