Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTATLD Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 109Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 110Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 111Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 112Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 113Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 114Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 115Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 116Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
113
Package Description
SGND_SRDS1
SerDes Transceiver Core Logic
GND (xcorevss)
C28, C32, D30, E31,
F28, F29, G32, H28,
H30, J28, K29, L32,
M30, N31, P29, R32
——
—
SGND_SRDS2
SerDes Transceiver Core Logic
GND (xcorevss)
AE28, AE30, AF28,
AF32, AG28, AG30,
AH28, AJ28, AJ31,
AL32
——
—
AGND_SRDS1
SerDes PLL GND
J31
—
—
—
AGND_SRDS2
SerDes PLL GND
AH31
—
—
—
OVDD
General I/O Supply
U31, V24, V28, Y31,
AA27, AB25, AB29
—OVDD
—
LVDD
TSEC 1&2 I/O Supply
AC18, AC21, AG21,
AL27
—LVDD
—
TVDD
TSEC 3&4 I/O Supply
AC15, AE16, AH18
—
TVDD
—
GVDD
SSTL_1.8 DDR Supply
B2, B5, B8, B11, B14,
D4, D7, D10, D13, E2,
F6, F9, F12, G4, H2,
H8, H11, H14, J6, K4,
K10, K13, L2, L8, M6,
N4, N10, P2, P8, R6,
T4, T10, U2, U8, V6,
W4, W10, Y2, Y8, AA6,
AB4, AB10, AC2, AC8,
AD6, AD12, AE4,
AE10, AF2, AF8, AG6,
AG12, AH4, AH10,
AH16, AJ2, AJ8, AJ14,
AK6, AK12, AK18, AL4,
AL10, AL16, AM2
—GVDD
—
BVDD
Local Bus and GPIO Supply
A26, A30, B21, D16,
D21, F18, G20, H17,
J22, K15, K20
—
BVDD
—
Table 75. MPC8572E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com