Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTATLD Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 111Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 112Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 113Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 114Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 115Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 116Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 117Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 118Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
115
Package Description
SD1_IMP_CAL_TX
SerDes1 Tx Impedance
Calibration
T32
I
100
Ω
(±1%) to
GND
—
SD1_PLL_TPA
SerDes1 PLL Test Point Analog J30
O
AVDD_S
RDS
analog
17
SD2_IMP_CAL_RX
SerDes2 Rx Impedance
Calibration
AC32
I
200
Ω
(±1%) to
GND
—
SD2_IMP_CAL_TX
SerDes2 Tx Impedance
Calibration
AM32
I
100
Ω
(±1%) to
GND
—
SD2_PLL_TPA
SerDes2 PLL Test Point Analog AH30
O
AVDD_S
RDS
analog
17
TEMP_ANODE
Temperature Diode Anode
AA31
—
internal
diode
14
TEMP_CATHODE
Temperature Diode Cathode
AB31
—
internal
diode
14
No Connection Pins
Table 75. MPC8572E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com