Electronic Components Datasheet Search
  English  ▼

X  

MMA6901Q Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MMA6901Q
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901Q Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MMA6901Q Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Sensors
Freescale Semiconductor
23
MMA690xQ
3.2.3
Register Operations
Register operations involve four transfer types: register pointer write or read, and register data write or read. The basic format
for register operations is illustrated in Figure 3-3. Response from MMA690xQ under normal conditions is illustrated. Specific
details for each transfer type are provided in the command/response summaries provided in Section 3.2.1.
T[1:0] Transfer type code
S[2:0]: Status code
A/D: ADDRESS/DATA
R/W: READ/WRITE
EC[1:0]: Exception class (refer to Table 3-9 below)
D/A[7:0]: Data or address, depending upon transfer type and status
Figure 3-3 Communications Protocol, Register Operations
SCLK
BIT
MOSI
MISO
CS
R/W
P
0
0
D/A7
D/A6
D/A5
D/A4
D/A3
D/A2
D/A1
D/A0
0
T1
T0
A/D
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
D/A6
D/A5
D/A4
D/A3
D/A2
D/A1
D/A0
S2
S1
D/A7
EC0
EC1
P
R/W
S0
A/D
Table 3-9. Exception Class Encoding
EC1
EC0
Exception Class
0
0
No Exception
0
1
Behavioral (one exception)
1
0
Critical/Reset
1
1
Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com