Electronic Components Datasheet Search
  English  ▼

X  

MMA6901Q Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MMA6901Q
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901Q Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MMA6901Q Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA6901Q Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Sensors
Freescale Semiconductor
27
MMA690xQ
5.3
ELECTRICAL CHARACTERISTICS
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 4.0 k/min. unless otherwise specified
* Indicates a Freescale critical characteristic.
Characteristic
Symbol
Min
Typ
Max
Units
Supply Current Drain
VCC = 5.25 V, tS = 64 μs
*IDD
——
8.0
mA
(1)
1. Parameters tested 100% at final test.
Power-On Reset Threshold (See Figure 5-1)
VCC
CREG
CREGA
CREF
Power-On Reset Threshold (See Figure 5-1)
VCC
CREG
CREGA
CREF
Hysteresis (VPOR_N - VPOR_A, See Figure 5-1)
VCC
CREG
CREGA
CREF
VPOR_N
VPOR_N
VPOR_N
VPOR_N
VPOR_A
VPOR_A
VPOR_A
VPOR_A
VHYST
VHYST
VHYST
VHYST
2.77
1.80
2.18
1.11
2.77
1.80
2.18
1.11
0
0
0
0
—
—
—
—
—
—
—
—
—
—
—
—
3.15
2.32
2.50
1.29
2.95
2.10
2.31
1.19
388
300
261
150
V
V
V
V
V
V
V
V
mV
mV
mV
mV
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
2.Verified by characterization, not tested in production.
Internally Regulated Voltages
CREG
CREGA
(3)
CREF
3.Tested at VCC = VL and VCC = VH.
*
*
*
VDD
V2.5
VREF
2.42
2.42
1.20
2.50
2.50
1.25
2.58
2.58
1.29
V
V
V
(1)
(1)
(1)
(1)
External Filter Capacitor (CREG, CREGA)
Value
ESR (including interconnect resistance)
CREG
ESR
800
—
1000
—
200
nF
m
Ω
(2)
(2)
Power Supply Coupling
—
—
0.004
digit/mv
(2)
Nonlinearity
NLOUT
-1.0
—
1.0
% FSR
(2)
Noise (1.0 Hz-1.0 kHz)
nSD
—
—
140
μg/√Hz
(2)
Sensitivity
3.5 g Range
11-bit data
5.0 g Range
11-bit data
*
*
SENS
SENS
—
—
3.43
4.91
—
—
mg/digit
mg/digit
(1)
(1)
Sensitivity Error (4)
-40 °C
≤ TA ≤ +105 °C
4.Target value. Actual value to be determined during device characterization.
*
ΔSENS
-3.0
—
+3.0
%
(1)
Offset at 0 g
11-bit unsigned data
Offset error
TA = 25 °C
11-bit data
*
*
*
DOUT
ΔDOUT
ΔDOUT
—
-8.9
-14.6
1024
—
—
—
+8.9
+14.6
digit
digit
digit
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com